Electronic Components Datasheet Search
  English  ▼

X  

PEWCP1027 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCP1027
Description  WR-112 20 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1027 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCP1027 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1027 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1027 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1027 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1027 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
-80
-70
-60
-50
-40
-30
-20
-10
0
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
0 dB
7.05 GHz
Directivity
WR-112 20 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to
10 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 20 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane
Coupled Port, 7.05 GHz to 10 GHz PEWCP1027
URL: http://www.pasternack.com/wr-112-20-db-directional-waveguide-broadwall-coupler-cpr-112g-grooved-e-pewcp1027-p.
aspx
PEWCP1027
PEWCP1027 REV 1.0
WR-112 20 dB Directional Waveguide Broadwall
Coupler, CPR-112G Grooved Flange, E-Plane
Coupled Port, 7.05 GHz to 10 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com