Electronic Components Datasheet Search
  English  ▼

X  

RT9541DCE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9541DCE
Description  LI LON BATTERY PROTECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9541DCE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9541DCE Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9541DCE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
RT9541
DS9541-05 August 2001
www.richtek-ic.com.tw
3
Table 1
Part Number
Over
Charge
Over
Discharge
Excess
Current
RT9541ACE (R)
4.25V
2.3V
170mV
RT9541BCE (R)
4.25V
2.4V
170mV
RT9541CCE (R)
4.25V
2.5V
170mV
RT9541DCE (R)
4.25V
2.6V
170mV
RT9541ECE (R)
4.25V
2.7V
170mV
RT9541FCE (R)
4.25V
2.8V
170mV
RT9541GCE (R)
4.30V
2.3V
170mV
RT9541HCE (R)
4.30V
2.4V
170mV
RT9541ICE (R)
4.30V
2.5V
170mV
RT9541JCE (R)
4.30V
2.6V
170mV
Part Number
Over
Charge
Over
Discharge
Excess
Current
RT9541KCE (R)
4.30V
2.7V
170mV
RT9541LCE (R)
4.30V
2.8V
170mV
RT9541MCE (R)
4.35V
2.3V
170mV
RT9541NCE (R)
4.35V
2.4V
170mV
RT9541OCE (R)
4.35V
2.5V
170mV
RT9541PCE (R)
4.35V
2.6V
170mV
RT9541QCE (R)
4.35V
2.7V
170mV
RT9541RCE (R)
4.35V
2.8V
170mV
RT9541SCE (R)
4.35V
2.9V
170mV
RT9541TCE (R)
4.25V
2.9V
170mV
Function Block Diagram
Pin Description
Pin Number
RT9541- CE RT9541- CER
Pin Name
Pin Function
1
3
COUT
Output of Over-charge Detection, CMOS Output
2
4
CT
Pin for External Capacitor Setting Output Delay of VD1
3
6
VSS
Ground
4
1
DOUT
Output of Over-discharge Detection, CMOS Output
5
5
VDD
Power Supply, through a Resistor (R1)
6
2
V-
Pin for Charger Negative Input, through a Resistor (R2)
Short
Circuit
Detector
Level Shift
Delay
VDD
CT
VD1
VD4
VD2
VD3
VSS
DOUT COUT
V-
_
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com