Electronic Components Datasheet Search
  English  ▼

X  

CYRF8935 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYRF8935
Description  WirelessUSB??NL 2.4 GHz Low Power Radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF8935 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYRF8935 Datasheet HTML 19Page - Cypress Semiconductor CYRF8935 Datasheet HTML 20Page - Cypress Semiconductor CYRF8935 Datasheet HTML 21Page - Cypress Semiconductor CYRF8935 Datasheet HTML 22Page - Cypress Semiconductor CYRF8935 Datasheet HTML 23Page - Cypress Semiconductor CYRF8935 Datasheet HTML 24Page - Cypress Semiconductor CYRF8935 Datasheet HTML 25Page - Cypress Semiconductor CYRF8935 Datasheet HTML 26Page - Cypress Semiconductor CYRF8935 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
CYRF8935
Document Number: 001-61351 Rev. *K
Page 23 of 40
Table 11. Framer Register Information
Bit No.
Bit Name
R/W
Description
Default
Register 32
15:13
PREAMBLE_LEN
R/W
000b: 1 byte
001b: 2 bytes
010b: 3 bytes
.
.
111b: 8 bytes
010b
12:11
SYNCWORD_LEN
R/W
11b: 64 bits
{{Reg39[15:0],Reg38[15:0],Reg37[15:0],Reg36[15:0]}
10b: 48 bits, {Reg39[15:0],Reg38[15:0],Reg36[15:0]}
01b: 32 bits, {Reg39[15:0],Reg36[15:0]
00b: 16 bits,{Reg36[15:0]}
11b
10:8
TRAILER_LEN
R/W
000b: 4 bits
001b: 6 bits
010b: 8 bits
011b: 10 bits
.
.
111b: 18 bits
000b
7:6
DATA_PACKET_TYPE
R/W
00b: Non return to zero (NRZ) law data
00b
5:4
FEC_TYPE
R/W
00b: No FEC
01b: Reserved
10b: FEC23
11b: Reserved
00b
3:1
BRCLK_SEL
R/W
Selects output clock signal to BRCLK[7] pin:
000b: Keep low
001b: Crystal buffer out
010b: Crystal divided by 2
011b: Crystal divided by 4
100b: Crystal divided by 12
101b: TXCLK 1 MHz
110b: APLL_CLK (12 MHz during Tx, Rx)
111b: Keep low
011b
0
(Reserved)
W/R
(Reserved)
0B
Register 35
15
(Reserved)
(Reserved)
14
SLEEP_MODE
W
1: Enter SLEEP state (set crystal gain block to off. Keep LDO
regulator on (register values will be preserved).
Wakeup begins when SPI_SS goes low. This restarts the on-chip
clock oscillator to begin normal operation.
0: Normal (IDLE) state
0B
13
(Reserved)
(Reserved)
12
BRCLK_ON_SLEEP
R/W
1: Crystal running at sleep mode
Draws more current but enables fast wakeup
0: Crystal stops during sleep mode
Saves current but takes longer to wake up
1B
Note
7. BRCLK signal is available on bare die only, not packaged parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com