Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1011 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCT1011
Description  WR-51 Waveguide 50 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1011 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCT1011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1011 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1011 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1011 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
WR-51 Waveguide 50 dB Crossguide Coupler, 3 Port, Square Cover Flange, 15 GHz to 22 GHz, Bronze from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-51 Waveguide 50 dB Crossguide Coupler, 3 Port, Square Cover Flange, 15 GHz to 22 GHz,
Bronze PEWCT1011
URL: https://www.pasternack.com/wr-51-waveguide-50-db-crossguide-coupler-3-port-square-pewct1011-p.aspx
PEWCT1011 REV 1.0
Waveguide Couplers Assemblies Technical Data
PEWCT1011
WR-51 Waveguide 50 dB Crossguide Coupler, 3 Port,
Square Cover Flange, 15 GHz to 22 GHz, Bronze



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com