Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1013 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCT1013
Description  WR-62 Waveguide 30 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1013 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCT1013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1013 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Flange Material and Plating
Brass
.
Coupler Body Material and Plating
Bronze
Termination Body Material and Plating
Bronze
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
12.4
12.8
13.2
13.6
14.0
14.4
14.8
15.2
15.6
16.0
16.4
16.8
17.2
17.6
18.0
12.4 GHz
VSWR
PEWCT1013 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-62 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-419/U Square Cover Flange,
12.4 GHz to 18 GHz, Bronze PEWCT1013
Waveguide Couplers Assemblies Technical Data
PEWCT1013
WR-62 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-
419/U Square Cover Flange, 12.4 GHz to 18 GHz, Bronze



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com