Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1014
Description  WR-62 Waveguide 40 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1014 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1014 is a 40 dB three port, terminated WR-62 crossguide waveguide coupler that operates in the frequency range
of 12.4 to 18 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass UG-419/U Square
Cover Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four port (unter-
minated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 40 dB Nominal Coupling Level
• 12.4 GHz to 18 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
12.4
18
GHz
Coupler
Nominal Coupling Level
40
dB
Directivity
30
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
1.5
Watts
.
Mechanical Specifications
Size
Length
5.9 in [149.86 mm]
Width
2.5 in [63.5 mm]
.
Interface
Waveguide Size
WR-62
Flange Type
Square Cover
Flange Designation
UG-419/U
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-62 Waveguide 40 dB Crossguide Coupler, 3 Port, UG-419/U Square Cover Flange,
12.4 GHz to 18 GHz, Bronze PEWCT1014
PEWCT1014 REV 1.0
WR-62 Waveguide 40 dB Crossguide Coupler, 3 Port, UG-
419/U Square Cover Flange, 12.4 GHz to 18 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1014


Similar Part No. - PEWCT1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1010 PASTERNACK-PEWCT1010 Datasheet
467Kb / 5P
WR-51 Waveguide 40 dB Crossguide Coupler
PEWCT1011 PASTERNACK-PEWCT1011 Datasheet
467Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
WR-62 Waveguide 20 dB Crossguide Coupler
PEWCT1013 PASTERNACK-PEWCT1013 Datasheet
399Kb / 5P
WR-62 Waveguide 30 dB Crossguide Coupler
PEWCT1015 PASTERNACK-PEWCT1015 Datasheet
400Kb / 5P
WR-62 Waveguide 50 dB Crossguide Coupler
More results

Similar Description - PEWCT1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1110 PASTERNACK-PEWCT1110 Datasheet
550Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
WR-62 Waveguide 20 dB Crossguide Coupler
PEWCT1013 PASTERNACK-PEWCT1013 Datasheet
399Kb / 5P
WR-62 Waveguide 30 dB Crossguide Coupler
PEWCT1015 PASTERNACK-PEWCT1015 Datasheet
400Kb / 5P
WR-62 Waveguide 50 dB Crossguide Coupler
PEWCT1026 PASTERNACK-PEWCT1026 Datasheet
482Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler
PEWCT1030 PASTERNACK-PEWCT1030 Datasheet
463Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1034 PASTERNACK-PEWCT1034 Datasheet
478Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1038 PASTERNACK-PEWCT1038 Datasheet
469Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1042 PASTERNACK-PEWCT1042 Datasheet
476Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1046 PASTERNACK-PEWCT1046 Datasheet
538Kb / 5P
WR-34 Waveguide 40 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com