Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1017 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1017
Description  WR-75 Waveguide 30 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1017 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1017 is a 30 dB three port, terminated WR-75 crossguide waveguide coupler that operates in the frequency
range of 10 to 15 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass Square Cover
Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four port (untermi-
nated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 30 dB Nominal Coupling Level
• 10 GHz to 15 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
Coupler
Nominal Coupling Level
30
dB
Directivity
25
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
2.5
Watts
.
Mechanical Specifications
Size
Length
6.5 in [165.1 mm]
Width
2.75 in [69.85 mm]
.
Interface
Waveguide Size
WR-75
Flange Type
Square Cover
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-75 Waveguide 30 dB Crossguide Coupler, 3 Port, Square Cover Flange, 10 GHz to
15 GHz, Bronze PEWCT1017
PEWCT1017 REV 1.0
WR-75 Waveguide 30 dB Crossguide Coupler, 3 Port,
Square Cover Flange, 10 GHz to 15 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1017


Similar Part No. - PEWCT1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1010 PASTERNACK-PEWCT1010 Datasheet
467Kb / 5P
WR-51 Waveguide 40 dB Crossguide Coupler
PEWCT1011 PASTERNACK-PEWCT1011 Datasheet
467Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
WR-62 Waveguide 20 dB Crossguide Coupler
PEWCT1013 PASTERNACK-PEWCT1013 Datasheet
399Kb / 5P
WR-62 Waveguide 30 dB Crossguide Coupler
PEWCT1014 PASTERNACK-PEWCT1014 Datasheet
399Kb / 5P
WR-62 Waveguide 40 dB Crossguide Coupler
More results

Similar Description - PEWCT1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1113 PASTERNACK-PEWCT1113 Datasheet
521Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1001 PASTERNACK-PEWCT1001 Datasheet
461Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
PEWCT1005 PASTERNACK-PEWCT1005 Datasheet
399Kb / 5P
WR-42 Waveguide 30 dB Crossguide Coupler
PEWCT1016 PASTERNACK-PEWCT1016 Datasheet
465Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler
PEWCT1018 PASTERNACK-PEWCT1018 Datasheet
474Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler
PEWCT1019 PASTERNACK-PEWCT1019 Datasheet
475Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler
PEWCT1021 PASTERNACK-PEWCT1021 Datasheet
468Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler
PEWCT1037 PASTERNACK-PEWCT1037 Datasheet
469Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1041 PASTERNACK-PEWCT1041 Datasheet
464Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1045 PASTERNACK-PEWCT1045 Datasheet
537Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com