Electronic Components Datasheet Search
  English  ▼

X  

PEWGS6010 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWGS6010
Description  WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6010 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWGS6010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEWGS6010 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Data
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
12
13
14
15
16
17
18
12.4 GHz
VSWR
Postion 1
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
12
13
14
15
16
17
18
dB
12.4 GHz
Insertion Loss
Postion 1
PEWGS6010 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-62 Waveguide Electromechanical Relay SPDT Latching Switch, Ku Band 18 GHz Max.
Freq., 2,000 Watts, UG-419/U Square Cover, 12V PEWGS6010
WR-62 Waveguide Electromechanical Relay SPDT
Latching Switch, Ku Band 18 GHz Max. Freq.,
2,000 Watts, UG-419/U Square Cover, 12V
Waveguide Electromechanical Relay Switches Technical
PEWGS6010



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com