Electronic Components Datasheet Search
  English  ▼

X  

PEWGS6013 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWGS6013
Description  WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6013 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWGS6013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEWGS6013 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
• 10 to 15 GHz SPDT Wavguide Switch
•
Optional DPDT Configuration
• WR-75 Waveguide with O-Rings
•
Insertion Loss: 0.04 dB typ
•
Isolation: 100 dB typ
• +28 Vdc Nominal Voltage
•
Input Power Rating up to 3.5 kW CW max
•
Latching TTL Logic Self Cut Off Actuator
•
Position Indicator and Manual Override Access
•
Fully Weatherized Package
•
Quick Connect Circular DC Connector with Mate
•
-40°C to +85°C Operating Temperature
Applications
•
Electronic Warfare
•
Electronic Countermeasures
•
Microwave Radio
•
VSAT
•
Radar
•
Space Systems
•
Test Instrumentation
•
Research and Devlopment
.
Description
The PEWGS6013 electromechnical WR-75 waveguide switch operates across a wide frequency range from 10
GHz to 15 GHz and is configured for single pole double throw (SPDT) operation. A shorting plate on port 3 can be
removed for optional double pole double throw (DPDT) operation. This innovative design features a latching TTL
Logic controlled Self Cut Off actuator and patented motor drive with arc suppression. The motor drive housing
supports a viewable position indicator window and a cover that can be removed for manual overide access.
Impressive performance includes 0.04 dB typ insertion loss, 100 dB typ Isolation, 1.06:1 typ VSWR, and an operating life
of 250K cycles minimum. The design operates across a temperature range of -40°C to +85°C, requires +28Vdc nominal
bias voltage, and has an input power rating of up to 3.5 KW CW maximum. The waveguide ports have Grooved Square
Cover Flanges (O-Rings included) for pressurized operation. The rugged package design is fully weatherized for up to 100%
humitidy exposure and supports a quick connect circular 10 pin MIL-SPEC DC bias connector with mate included.
Electrical Specifications
Switch Type
SPDT
Actuator Type
Latching
Switching Sequence
Break Before Make
Actuator Options
TTL Logic, Self Cut Off, Window Indicator, Manual Over-
ride
TTL Control
on: 2.4 to 5.5 Volts
off: 0 to 0.8 Volts
TTL Control Current
1.2 mA at 5.5 Volts
1.2 mA at 0.8 Volts
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
Impedance
50
Ohms
Operating Voltage
21
28
32
Volts
Actuating Current @ 28 Volts
212
243
mA
VSWR
1.06:1
1.1:1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-75 Waveguide Electromechanical Relay SPDT Latching Switch, X, Ku Band 15 GHz Max.
Freq., 3,500 Watts, Square Cover, 28V, TTL PEWGS6013
PEWGS6013 REV 1.2
WR-75 Waveguide Electromechanical Relay SPDT
Latching Switch, X, Ku Band 15 GHz Max. Freq.,
3,500 Watts, Square Cover, 28V, TTL
Waveguide Electromechanical Relay Switches Technical
PEWGS6013


Similar Part No. - PEWGS6013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGS6010 PASTERNACK-PEWGS6010 Datasheet
557Kb / 8P
WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6011 PASTERNACK-PEWGS6011 Datasheet
559Kb / 8P
WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6012 PASTERNACK-PEWGS6012 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
More results

Similar Description - PEWGS6013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGS6001 PASTERNACK-PEWGS6001 Datasheet
558Kb / 8P
WR-28 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6010 PASTERNACK-PEWGS6010 Datasheet
557Kb / 8P
WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6012 PASTERNACK-PEWGS6012 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6018 PASTERNACK-PEWGS6018 Datasheet
528Kb / 6P
WR-90 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6021 PASTERNACK-PEWGS6021 Datasheet
531Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6022 PASTERNACK-PEWGS6022 Datasheet
527Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6025 PASTERNACK-PEWGS6025 Datasheet
557Kb / 8P
WR-137 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6026 PASTERNACK-PEWGS6026 Datasheet
554Kb / 8P
WR-137 Waveguide Electromechanical Relay SPDT Latching Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com