Electronic Components Datasheet Search
  English  ▼

X  

PXT3906 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PXT3906
Description  PNP General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PXT3906 Datasheet(HTML) 1 Page - Micro Commercial Components

  PXT3906 Datasheet HTML 1Page - Micro Commercial Components PXT3906 Datasheet HTML 2Page - Micro Commercial Components PXT3906 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PXT3906
PNP General
Purpose Amplifier
Features
hFE
DC Current Gain*
(IC=-10mAdc, VCE=-1.0Vdc)
(IC=-50mAdc, VCE=-1.0Vdc)
(IC=-100mAdc, VCE=-1.0Vdc)
100
300
60
30
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-10mAdc, IB=-1.0mAdc)
(IC=-50mAdc, IB=-5.0mAdc)
-0.25
-0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-10mAdc, IB=-1.0mAdc)
(IC=-50mAdc, IB=-5.0mAdc)
-0.65
-0.85
-0.95
Vdc
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=-3.0Vdc, VBE=-0.5Vdc
35
ns
tr
Rise Time
IC=-10mAdc, IB1=-1.0mAdc)
35
ns
ts
Storage Time
(VCC=-3.0Vdc, IC=-10mAdc
225
ns
tf
Fall Time
IB1=IB2=-1.0mAdc )
75
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
VCEO
Collector-Emitter Voltage
-40
V
VCBO
Collector-Base Voltage
-40
V
VEBO
Emitter-Base Voltage
-6.0
V
IC
Collector Current, Continuous
-0.2
A
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
PD
Power Dissipation
0.5
W
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=-1.0mAdc, IB=0)
-40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10
µAdc, IE=0)
-40
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-10
µAdc, IC=0)
-6.0
Vdc
IcBO
Collector cut-off Current
(VCB=-30Vdc, IE=0
-0.05
μAdc
IEBO
Emitter cut-off Current
(VEB=-6Vdc, IC=0
-0.05
μAdc
fT
Current Gain-Bandwidth Product
(IC=-10mAdc, VCE=-20Vdc, f=100MHz)
250
MHz
•
Capable of 500mWatts of Power Dissipation
•
Marking:2A
Cobo
Outpuut Capacitance
(VCB=-5.0Vdc, f=1.0MHz,IE=0)
4.5
pF
Cibo
Inpuut Capacitance
(VEB=-0.5Vdc, f=1.0MHz,IC=0)
10
pF
Maximum Ratings
Symbol
Rating
Rating
Unit
NF
Noise Figure
(VCE=-5.0V, f=1.0kHz,I
C=-100μA,Rs=1.0K)
4.0
dB
www.mccsemi.com
Revision:
B
20
13/01/01
1 of 3




 

 
 




























































SOT-89
B
A
E
D
G
H
F
K
J
C




















12
3
12
3
2:Collector
1:Base
1:Base
3:Emitter
DIMENSINS
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - PXT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT3906 PHILIPS-PXT3906 Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT3906 KEXIN-PXT3906 Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Micro Commercial Compon...
PXT3906 MCC-PXT3906 Datasheet
414Kb / 3P
PNP General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT3906 HTSEMI-PXT3906 Datasheet
441Kb / 2P
TRANSISTOR(PNP)
logo
Galaxy Semi-Conductor H...
PXT3906 BILIN-PXT3906 Datasheet
167Kb / 4P
PNP Switching Transistor
More results

Similar Description - PXT3906

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com