Electronic Components Datasheet Search
  English  ▼

X  

SS8050-C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS8050-C
Description  NPN Silicon Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS8050-C Datasheet(HTML) 2 Page - Micro Commercial Components

  SS8050-C Datasheet HTML 1Page - Micro Commercial Components SS8050-C Datasheet HTML 2Page - Micro Commercial Components SS8050-C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: E
2016/08/31
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
110
100
1
10
100
1000
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
1
10
100
1000
1
10
100
1000
300
30
3
30
3
1500
300
30
3
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE
(V)
COLLECTOR CURRENT I
C
(mA)
V
BE
—— I
C
T
a=100
℃
T
a=25
℃
f
T
——
I
C
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
V
BEsat
——
I
C
β=10
T
a=100
℃
T
a=25
℃
1500
C
ob
C
ib
REVERSE VOLTAGE V (V)
C
ob
/ C
ib
——
V
CB
/ V
EB
f=1MHz
I
E=0/IC=0
T
a=25
℃
200
20
300
30
3
300
30
3
3
30
300
300
30
3
30
300
COMMON EMITTER
V
CE=1V
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
I
C
h
FE
——
1500
COMMON
EMITTER
T
a=25
℃
500
μA
450
μA
400
μA
350
μA
300
μA
250
μA
200
μA
150
μA
100
μA
I
B=50μA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
3
0.3
30
3
β=10
T
a=100
℃
T
a=25
℃
V
CEsat
——
I
C
1500
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
P
C
——
T
a
AMBIENT TEMPERATURE T
a
(℃)
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com