Electronic Components Datasheet Search
  English  ▼

X  

TIP127L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP127L
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP127L Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP127L Datasheet HTML 1Page - Micro Commercial Components TIP127L Datasheet HTML 2Page - Micro Commercial Components TIP127L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIP127
L
Features
TO-220
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision: B
2016/06/15
1 of
3
PNP
Plastic-Encapsulate
Transistors
Absolute Maximum Ratings @ Ta = 25
℃(unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage
-
100
V
VCEO
Collector-emitter voltage
-
100
V
VEBO
Emitter-base Voltage
-5
V
IC
Collector Current
-5
A
Collector Power Dissipation
2
W
PC
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature Range
-
55 to +150
℃
Electrical Characteristics @ 25OC Unless Otherwise Specified
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Medium Power Complementary Silicon Transistors
Halogen free available upon request by adding suffix "-HF"
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Thermal Resistance Junction to Ambient
62.5
o
C/W
RthJA
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-Base
Breakdown Voltage
V(BR)CBO
C
I =-1mA, IE=0
-100
V
Collector-Emitter
Breakdown Voltage
VCEO(SUS)
C
I =-30mA,IB=0
-100
V
Collector cut-off current
ICBO
CB
V =-100V,IE=0
-0.2
mA
Collector cut-off current
ICEO
CE
V =-50V,IE=0
-0.5
mA
Emitter cut-off current
IEBO
EB
V =-5V,IC=0
-2
mA
DC current gain
hFE(1)
VCE=-3V, IC=
-50mA 1000
hFE(2)
VCE=-3V, IC=-3A
1000
Collector-Emitter
Saturation Voltage
VCE(sat)
IC=-3A,IB=-12mA
-2
V
IC=-5A,IB=-20mA
-4
Base-Emitter Voltage
VBE
CE
V =-3V, IC=-3A
-2.5
V
Collector output
capacitance
Cob
VCB=-10V,IE=0, f=1MHz
300
pF
≈ 7.2 k
Micro Commercial Components
M C C
R
BASE
COLLECTOR
≈ 230
EMITTER


Similar Part No. - TIP127L

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
TIP127L FOSHAN-TIP127L Datasheet
844Kb / 6P
Silicon PNP transistor in a TO-126 Plastic Package.
logo
Unisonic Technologies
TIP127L-T60-K UTC-TIP127L-T60-K Datasheet
217Kb / 4P
PNP EPITAXIAL TRANSISTOR
TIP127L-T60-K UTC-TIP127L-T60-K Datasheet
259Kb / 4P
PNP EPITAXIAL TRANSISTOR
TIP127L-T6S-K UTC-TIP127L-T6S-K Datasheet
259Kb / 4P
PNP EPITAXIAL TRANSISTOR
TIP127L-TA3-T UTC-TIP127L-TA3-T Datasheet
217Kb / 4P
PNP EPITAXIAL TRANSISTOR
More results

Similar Description - TIP127L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com