Electronic Components Datasheet Search
  English  ▼

X  

PEWGS6020 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWGS6020
Description  WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6020 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWGS6020 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6020 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6020 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6020 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6020 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6020 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-125
-113
-100
-88
-75
-63
-50
-38
-25
-13
0
7.1
7.4
7.8
8.2
8.5
8.9
9.3
9.6
10.0
dB
7.05 GHz
Isolation
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch, X Band 10 GHz Max. Freq., 7,000 Watts, UG-51/U
Square Cover, 28V from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide Electromechanical Relay SPDT Latching Switch, X Band 10 GHz Max. Freq.,
7,000 Watts, UG-51/U Square Cover, 28V PEWGS6020
URL:
https://www.pasternack.com/wr-112-waveguide-electromechanical-relay-spdt-latching-switch-10-ghz-pewgs6020-p.
aspx
PEWGS6020 REV 1.1
WR-112 Waveguide Electromechanical Relay
SPDT Latching Switch, X Band 10 GHz Max. Freq.,
7,000 Watts, UG-51/U Square Cover, 28V
Waveguide Electromechanical Relay Switches Technical
PEWGS6020



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com