Electronic Components Datasheet Search
  English  ▼

X  

PEWGS6022 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWGS6022
Description  WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6022 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWGS6022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6022 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6022 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6022 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6022 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6022 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Data
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
7.1
7.4
7.8
8.2
8.5
8.9
9.3
9.6
10.0
7.05 GHz
VSWR
-1.50
-1.35
-1.20
-1.05
-0.90
-0.75
-0.60
-0.45
-0.30
-0.15
0.00
7.1
7.4
7.8
8.2
8.5
8.9
9.3
9.6
10.0
dB
7.05 GHz
Insertion Loss
PEWGS6022 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide Electromechanical Relay SPDT Latching Switch, X Band 10 GHz Max.
Freq., 7,000 Watts, UG-51/U Square Cover, 12V PEWGS6022
WR-112 Waveguide Electromechanical Relay
SPDT Latching Switch, X Band 10 GHz Max. Freq.,
7,000 Watts, UG-51/U Square Cover, 12V
Waveguide Electromechanical Relay Switches Technical
PEWGS6022



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com