Electronic Components Datasheet Search
  English  ▼

X  

PEWIR1003 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWIR1003
Description  WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWIR1003 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWIR1003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWIR1003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWIR1003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWIR1003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWIR1003 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
40
42
43
45
47
48
50
52
53
55
57
58
60
GHz
VSWR
PEWIR1003 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod
Round Cover Flange PEWIR1003
Waveguide Isolators Technical Data Sheet
PEWIR1003
WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB
min Isolation, UG-383/U-Mod Round Cover Flange



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com