Electronic Components Datasheet Search
  English  ▼

X  

PEWMT1001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWMT1001
Description  WR-12 Waveguide Magic Tee, UG-387/U Round Cover Flange Operating from 60 GHz to 90 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWMT1001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWMT1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWMT1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWMT1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
60
65
70
75
80
85
90
0 dB
60 GHz
Isolation
Port 1-4
Port 2-3
WR-12 Waveguide Magic Tee, UG-387/U Round Cover Flange Operating from 60 GHz to 90 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-12 Waveguide Magic Tee, UG-387/U Round Cover Flange Operating from 60 GHz to 90 GHz
PEWMT1001
URL: https://www.pasternack.com/wr-12-waveguide-magic-tee-ug387-round-90-ghz-pewmt1001-p.aspx
PEWMT1001 REV 1.1
WR-12 Waveguide Magic Tee, UG-387/U Round
Cover Flange Operating from 60 GHz to 90 GHz
Waveguide Magic Tees Technical Data Sheet
PEWMT1001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com