Electronic Components Datasheet Search
  English  ▼

X  

PEWSP1001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWSP1001
Description  WR-28 Waveguide Pressurizing Section 4.25 Inch Length, UG-599/U Square Cover Flange from 26.5 GHz to 40 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWSP1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWSP1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
27
28
29
31
32
33
35
36
37
39
40
26.5 GHz
VSWR
-3.0
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
27
28
29
31
32
33
35
36
37
39
40
dB
26.5 GHz
Insertion Loss
PEWSP1001 REV 1.0
PEWSP1001
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Waveguide Pressurizing Section 4.25 Inch Length, UG-599/U Square Cover Flange
from 26.5 GHz to 40 GHz PEWSP1001
WR-28 Waveguide Pressurizing Section 4.25 Inch Length,
UG-599/U Square Cover Flange from 26.5 GHz to 40 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com