Electronic Components Datasheet Search
  English  ▼

X  

PEWSP1006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWSP1006
Description  WR-75 Waveguide Pressurizing Section 4.25 Inch Length, Square Cover Flange from 10 GHz to 15 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWSP1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWSP1006 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PEWSP1006 is a pressurizing section for WR-75 waveguides with Square Cover flanges. The pres-
sure section has a pressure gauge to monitor the internal pressure. The pressure gauge will read up to
15 PSI. It also has a pressure inlet valve which is a Schrader 1/8-27 NPTF with protective metal cap.
The PEWSP1006 is part of a family of pressure inlets with pressure gauges. Used with Pasternack’s gasket kits it allows
for waveguide systems to be pressurized with air or other gasses. These are quality built units with VSWR of 1.08:1 or less.
Features
• Pressurizing Waveguide Section
• 0-15 PSI Pressure Gauge
•
10 GHz to 15 GHz Frequency Range
•
Square Cover Flange
•
Waveguide Body made of Bronze with Brass Flanges
•
Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• High Power
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
VSWR
1.07:1
.
Mechanical Specifications
Waveguide Size
WR-75
Waveguide Design
Standard
Section Length
4.25 in [107.95 mm]
Description
Flange 1
Waveguide
Flange 2
Flange Type
Square Cover
Square Cover
Flange Designation
None
WR-75
None
Material
Bronze
...
Compliance Certifications (see product page for current document)
Notes:
•
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-75 Waveguide Pressurizing Section 4.25 Inch Length, Square Cover Flange from 10 GHz
to 15 GHz PEWSP1006
PEWSP1006 REV 1.0
PEWSP1006
WR-75 Waveguide Pressurizing Section 4.25 Inch Length,
Square Cover Flange from 10 GHz to 15 GHz


Similar Part No. - PEWSP1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWSP1000 PASTERNACK-PEWSP1000 Datasheet
535Kb / 4P
WR-22 Waveguide Pressurizing Section 4.25 Inch Length, UG-383/U Square Cover Flange from 33 GHz to 50 GHz
PEWSP1001 PASTERNACK-PEWSP1001 Datasheet
489Kb / 4P
WR-28 Waveguide Pressurizing Section 4.25 Inch Length, UG-599/U Square Cover Flange from 26.5 GHz to 40 GHz
PEWSP1002 PASTERNACK-PEWSP1002 Datasheet
489Kb / 4P
WR-34 Waveguide Pressurizing Section 4.25 Inch Length, UG-1530/U Square Cover Flange from 20 GHz to 33 GHz
PEWSP1003 PASTERNACK-PEWSP1003 Datasheet
492Kb / 4P
WR-42 Waveguide Pressurizing Section 4.25 Inch Length, UG-595/U Square Cover Flange from 18 GHz to 26.5 GHz
PEWSP1004 PASTERNACK-PEWSP1004 Datasheet
494Kb / 4P
WR-51 Waveguide Pressurizing Section 4.25 Inch Length, Square Cover Flange from 15 GHz to 22 GHz
More results

Similar Description - PEWSP1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W75SF005-12 PASTERNACK-PE-W75SF005-12 Datasheet
392Kb / 4P
WR-75 Flexible Straight Waveguide Section 12 Inch Length with Square Cover Flange Operating from 10 GHz to 15 GHz
PEWSP1000 PASTERNACK-PEWSP1000 Datasheet
535Kb / 4P
WR-22 Waveguide Pressurizing Section 4.25 Inch Length, UG-383/U Square Cover Flange from 33 GHz to 50 GHz
PEWSP1001 PASTERNACK-PEWSP1001 Datasheet
489Kb / 4P
WR-28 Waveguide Pressurizing Section 4.25 Inch Length, UG-599/U Square Cover Flange from 26.5 GHz to 40 GHz
PEWSP1002 PASTERNACK-PEWSP1002 Datasheet
489Kb / 4P
WR-34 Waveguide Pressurizing Section 4.25 Inch Length, UG-1530/U Square Cover Flange from 20 GHz to 33 GHz
PEWSP1003 PASTERNACK-PEWSP1003 Datasheet
492Kb / 4P
WR-42 Waveguide Pressurizing Section 4.25 Inch Length, UG-595/U Square Cover Flange from 18 GHz to 26.5 GHz
PEWSP1004 PASTERNACK-PEWSP1004 Datasheet
494Kb / 4P
WR-51 Waveguide Pressurizing Section 4.25 Inch Length, Square Cover Flange from 15 GHz to 22 GHz
PEWSP1005 PASTERNACK-PEWSP1005 Datasheet
490Kb / 4P
WR-62 Waveguide Pressurizing Section 4.25 Inch Length, UG-419/U Square Cover Flange from 12.4 GHz to 18 GHz
PEWSP1007 PASTERNACK-PEWSP1007 Datasheet
463Kb / 3P
WR-90 Waveguide Pressurizing Section 4.25 Inch Length, UG-39/U Square Cover Flange from 8.2 GHz to 12.4 GHz
PEWSP1009 PASTERNACK-PEWSP1009 Datasheet
462Kb / 3P
WR-112 Waveguide Pressurizing Section 4.25 Inch Length, UG-51/U Square Cover Flange from 7.05 GHz to 10 GHz
PEWSP1010 PASTERNACK-PEWSP1010 Datasheet
473Kb / 3P
WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com