Electronic Components Datasheet Search
  English  ▼

X  

PEWSP1008 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWSP1008
Description  WR-90 Waveguide Pressurizing Section 4.25 Inch Length, CPR-90G Grooved Flange from 8.2 GHz to 12.4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1008 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWSP1008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1008 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWSP1008 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PEWSP1008 is a pressurizing section for WR-90 waveguides with CPR-90 Grooved flanges. The pres-
sure section has a pressure gauge to monitor the internal pressure. The pressure gauge will read up to
15 PSI. It also has a pressure inlet valve which is a Schrader 1/8-27 NPTF with protective metal cap.
The PEWSP1008 is part of a family of pressure inlets with pressure gauges. Used with Pasternack’s gasket kits it allows
for waveguide systems to be pressurized with air or other gasses. These are quality built units with VSWR of 1.08:1 or less.
Features
• Pressurizing Waveguide Section
• 0-15 PSI Pressure Gauge
•
8.2 GHz to 12.4 GHz Frequency Range
•
CPR-90 Grooved Flange
•
Waveguide Body made of Bronze with Brass Flanges
•
Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
•
High Power
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.07:1
.
Mechanical Specifications
Waveguide Size
WR-90
Waveguide Design
Standard
Section Length
4.25 in [107.95 mm]
Description
Flange 1
Waveguide
Flange 2
Flange Type
CPR-90G
CPR-90G
Flange Designation
None
WR-90
None
Material
Bronze
...
Compliance Certifications (see product page for current document)
Notes:
•
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Waveguide Pressurizing Section 4.25 Inch Length, CPR-90G Grooved Flange from
8.2 GHz to 12.4 GHz PEWSP1008
PEWSP1008 REV 1.0
PEWSP1008
WR-90 Waveguide Pressurizing Section 4.25 Inch Length,
CPR-90G Grooved Flange from 8.2 GHz to 12.4 GHz


Similar Part No. - PEWSP1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWSP1000 PASTERNACK-PEWSP1000 Datasheet
535Kb / 4P
WR-22 Waveguide Pressurizing Section 4.25 Inch Length, UG-383/U Square Cover Flange from 33 GHz to 50 GHz
PEWSP1001 PASTERNACK-PEWSP1001 Datasheet
489Kb / 4P
WR-28 Waveguide Pressurizing Section 4.25 Inch Length, UG-599/U Square Cover Flange from 26.5 GHz to 40 GHz
PEWSP1002 PASTERNACK-PEWSP1002 Datasheet
489Kb / 4P
WR-34 Waveguide Pressurizing Section 4.25 Inch Length, UG-1530/U Square Cover Flange from 20 GHz to 33 GHz
PEWSP1003 PASTERNACK-PEWSP1003 Datasheet
492Kb / 4P
WR-42 Waveguide Pressurizing Section 4.25 Inch Length, UG-595/U Square Cover Flange from 18 GHz to 26.5 GHz
PEWSP1004 PASTERNACK-PEWSP1004 Datasheet
494Kb / 4P
WR-51 Waveguide Pressurizing Section 4.25 Inch Length, Square Cover Flange from 15 GHz to 22 GHz
More results

Similar Description - PEWSP1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90SF006-12 PASTERNACK-PE-W90SF006-12 Datasheet
416Kb / 4P
WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90SF006-24 PASTERNACK-PE-W90SF006-24 Datasheet
416Kb / 4P
WR-90 Flexible Straight Waveguide Section 24 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PEWSP1007 PASTERNACK-PEWSP1007 Datasheet
463Kb / 3P
WR-90 Waveguide Pressurizing Section 4.25 Inch Length, UG-39/U Square Cover Flange from 8.2 GHz to 12.4 GHz
PEWSP1010 PASTERNACK-PEWSP1010 Datasheet
473Kb / 3P
WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
PEWSP1012 PASTERNACK-PEWSP1012 Datasheet
473Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz
PEWCP1059 PASTERNACK-PEWCP1059 Datasheet
432Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1060 PASTERNACK-PEWCP1060 Datasheet
432Kb / 5P
WR-90 30 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1062 PASTERNACK-PEWCP1062 Datasheet
433Kb / 5P
WR-90 50 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com