Electronic Components Datasheet Search
  English  ▼

X  

PEWSP1010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWSP1010
Description  WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWSP1010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1010 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PEWSP1010 is a pressurizing section for WR-112 waveguides with CPR-112 Grooved flanges. The pres-
sure section has a pressure gauge to monitor the internal pressure. The pressure gauge will read up to
15 PSI. It also has a pressure inlet valve which is a Schrader 1/8-27 NPTF with protective metal cap.
The PEWSP1010 is part of a family of pressure inlets with pressure gauges. Used with Pasternack’s gasket kits it allows
for waveguide systems to be pressurized with air or other gasses. These are quality built units with VSWR of 1.08:1 or less.
Features
• Pressurizing Waveguide Section
• 0-15 PSI Pressure Gauge
•
7.05 GHz to 10 GHz Frequency Range
•
CPR-112 Grooved Flange
•
Waveguide Body made of Bronze with Brass Flanges
•
Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
•
High Power
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
VSWR
1.07:1
.
Mechanical Specifications
Waveguide Size
WR-112
Waveguide Design
Standard
Section Length
4.25 in [107.95 mm]
Description
Flange 1
Waveguide
Flange 2
Flange Type
CPR-112G
CPR-112G
Flange Designation
None
WR-112
None
Material
Bronze
...
Compliance Certifications (see product page for current document)
Notes:
•
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from
7.05 GHz to 10 GHz PEWSP1010
PEWSP1010 REV 1.0
PEWSP1010
WR-112 Waveguide Pressurizing Section 4.25 Inch Length,
CPR-112G Grooved Flange from 7.05 GHz to 10 GHz


Similar Part No. - PEWSP1010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWSP1011 PASTERNACK-PEWSP1011 Datasheet
466Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz
PEWSP1012 PASTERNACK-PEWSP1012 Datasheet
473Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz
More results

Similar Description - PEWSP1010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W112SF006-12 PASTERNACK-PE-W112SF006-12 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 12 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-24 PASTERNACK-PE-W112SF006-24 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 24 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-36 PASTERNACK-PE-W112SF006-36 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 36 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PEWSP1008 PASTERNACK-PEWSP1008 Datasheet
498Kb / 4P
WR-90 Waveguide Pressurizing Section 4.25 Inch Length, CPR-90G Grooved Flange from 8.2 GHz to 12.4 GHz
PEWSP1009 PASTERNACK-PEWSP1009 Datasheet
462Kb / 3P
WR-112 Waveguide Pressurizing Section 4.25 Inch Length, UG-51/U Square Cover Flange from 7.05 GHz to 10 GHz
PEWSP1012 PASTERNACK-PEWSP1012 Datasheet
473Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz
PEWCP1067 PASTERNACK-PEWCP1067 Datasheet
428Kb / 5P
WR-112 20 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1068 PASTERNACK-PEWCP1068 Datasheet
430Kb / 5P
WR-112 30 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1069 PASTERNACK-PEWCP1069 Datasheet
429Kb / 5P
WR-112 40 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWAD5017 PASTERNACK-PEWAD5017 Datasheet
422Kb / 4P
WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com