Electronic Components Datasheet Search
  English  ▼

X  

PEWTR1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWTR1007
Description  4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTR1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWTR1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTR1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTR1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-90
• 8.2 GHz to 12.4 GHz
• CPR-90G Flange
• 1.02:1 Typical VSWR
• 4 Watts Average Power Handling
Applications
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The
PEWTR1007
is
a
WR-90
waveguide
termination
/
load
that
operates
in
the
frequency
range
of
8.2 GHz to 12.4 GHz. This WR-90 waveguide termination has a typical VSWR of 1.02:1. These wave-
guide termination designs are made of painted brass copper and incorporate a standard CPR-90G flanges.
Pasternack waveguide terminations / loads are designed so virtually all applied power is absorbed, thus assuring a low VSWR.
The power rating on this WR-90 termination is 4 watts, other detailed specifications and a diagram drawing can be found on
this datasheet PDF below. Pasternack offers a complete family of waveguide terminations that are in-stock for same day ship-
ment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.02:1
Input Power (CW)
4
Watts
.
Mechanical Specifications
.
Weight
0.41 lbs [185.97 g]
.
Description
Flange
Waveguide
Designation
None
WR-90
Type
CPR-90G
Material
Brass
Brass
...
Environmental Specifications
.
PEWTR1007 REV 1.0
PEWTR1007
4 Watts Low Power Commercial Grade
WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1007


Similar Part No. - PEWTR1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1001 PASTERNACK-PEWTR1001 Datasheet
368Kb / 3P
1 Watt Low Power Commercial Grade WR-34 Waveguide Load 22 GHz to 33 GHz
PEWTR1002 PASTERNACK-PEWTR1002 Datasheet
369Kb / 3P
1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1003 PASTERNACK-PEWTR1003 Datasheet
367Kb / 3P
1 Watt Low Power Commercial Grade WR-51 Waveguide Load 15 GHz to 22 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
More results

Similar Description - PEWTR1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
PEWTR1005 PASTERNACK-PEWTR1005 Datasheet
365Kb / 3P
2.5 Watts Low Power Commercial Grade WR-75 Waveguide Load 10 GHz to 15 GHz
PEWTR1006 PASTERNACK-PEWTR1006 Datasheet
368Kb / 3P
4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1008 PASTERNACK-PEWTR1008 Datasheet
367Kb / 3P
5 Watts Low Power Commercial Grade WR-112 Waveguide Load 7.05 GHz to 10 GHz
PEWTR1009 PASTERNACK-PEWTR1009 Datasheet
368Kb / 3P
5 Watts Low Power Commercial Grade WR-112 Waveguide Load 7.05 GHz to 10 GHz
PEWTR1010 PASTERNACK-PEWTR1010 Datasheet
369Kb / 3P
6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
PEWTR1011 PASTERNACK-PEWTR1011 Datasheet
368Kb / 3P
6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com