Electronic Components Datasheet Search
  English  ▼

X  

PEWTS1004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWTS1004
Description  WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTS1004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWTS1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTS1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTS1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Transitions from WR-90 to WR-75 waveguide
•
WR-90 waveguide UG-39/U flange
•
WR-75 waveguide Square Cover flange
•
Painted finish
Applications
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWTS1004 is part of Pasternack’s Waveguide Transitions (also sometimes called waveguide adapters) used as a
means of propagating RF/Microwave energy from one waveguide size to another. The PEWTS1004 allows the waveguide to
change from a WR-90 waveguide (using a UG-39/U flange) to a WR-75 waveguide (using a Square Cover flange).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
VSWR
1.08:1
.
Mechanical Specifications
Size
Length
3 in [76.2 mm]
.
Weight
0.52 lbs [235.87 g]
.
Description
Flange 1
Waveguide
Flange 2
Designation
UG-39/U
WR-90 to WR-75
None
Flange Type
Square Cover
Square Cover
Material
Brass
Brass
Brass
...
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PEWTS1004 REV 1.0
PEWTS1004
WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-
39/U Square Cover Flange to Square Cover Flange
Waveguide Transitions Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to
Square Cover Flange
PEWTS1004


Similar Part No. - PEWTS1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PEWTS1001 PASTERNACK-PEWTS1001 Datasheet
402Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, CPR-137G Grooved Flange to CPR-112G Grooved Flange
PEWTS1002 PASTERNACK-PEWTS1002 Datasheet
398Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PEWTS1003 PASTERNACK-PEWTS1003 Datasheet
388Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, CPR-112G Grooved Flange to CPR-90G Grooved Flange
PEWTS1005 PASTERNACK-PEWTS1005 Datasheet
385Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, CPR-90G Grooved Flange to Square Cover Flange
More results

Similar Description - PEWTS1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PEWTS1002 PASTERNACK-PEWTS1002 Datasheet
398Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PEWTS1005 PASTERNACK-PEWTS1005 Datasheet
385Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, CPR-90G Grooved Flange to Square Cover Flange
PEWTS1006 PASTERNACK-PEWTS1006 Datasheet
398Kb / 3P
WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U Square Cover Flange
PEWTS1007 PASTERNACK-PEWTS1007 Datasheet
397Kb / 3P
WR-62 to WR-51 Waveguide Transition 3 Inch Length, UG-1665/U Square Cover Flange to Square Cover Flange
PEWTS1008 PASTERNACK-PEWTS1008 Datasheet
385Kb / 3P
WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U Square Cover Flange
PEWTS1009 PASTERNACK-PEWTS1009 Datasheet
387Kb / 3P
WR-42 to WR-34 Waveguide Transition 2 Inch Length, UG-595/U Square Cover Flange to UG-1530/U Square Cover Flange
PEWTS1010 PASTERNACK-PEWTS1010 Datasheet
387Kb / 3P
WR-34 to WR-28 Waveguide Transition 2 Inch Length, UG-1530/U Square Cover Flange to UG-599/U Square Cover Flange
PE-W22TS42001 PASTERNACK-PE-W22TS42001 Datasheet
451Kb / 4P
WR-22 to WR-42 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-595/U Square Cover Flange
PE-W28TS42001 PASTERNACK-PE-W28TS42001 Datasheet
443Kb / 4P
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com