Electronic Components Datasheet Search
  English  ▼

X  

PEWCP1040 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCP1040
Description  WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1040 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCP1040 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1040 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1040 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1040 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1040 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5
GHz PEWCP1040
URL: http://www.pasternack.com/wr42-30db-waveguide-coupler-ug595-square-crossguide-pewcp1040-p.aspx
PEWCP1040
PEWCP1040 REV 1.0
WR-42 30 dB Waveguide Crossguide Coupler, UG-
595/U Square Cover Flange, 18 GHz to 26.5 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com