Electronic Components Datasheet Search
  English  ▼

X  

PEWCP1041 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCP1041
Description  WR-42 40 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1041 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCP1041 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1041 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1041 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1041 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1041 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PEWCP1041 is a WR-42 crossguide waveguide coupler that operates in the frequency range of 18 to 26.5 GHz. This
Waveguide component has a typical VSWR of 1.05:1. These designs are made of painted copper alloy and incorporate a
cross wall configuration that result in a mid-band nominal coupling value of 20, 30, 40 or 50 dB. Common applications for this
component would be where power measurements are required within a system for measuring/sampling power or frequency
monitoring with minimal signal loss to the main transmission line. This WR-42 waveguide coupler uses standard UG-595/U
square cover flanges. Pasternack offers a complete family of waveguide Crossguide and Top wall couplers that are in-stock
and ship same day.
Features
• Crossguide Waveguide Coupler
•
40 dB Nominal Coupling Level
• 18 GHz to 26.5 GHz Frequency Range
•
Body and Flanges made of Copper Alloy
•
Low VSWR
Applications
•
Test Benches
• Radar
• Satellite
• Microwave Radio
•
Attenuation Measurements
• Power Measurements
•
Source Leveling
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
26.5
GHz
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
40
dB
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Dia.
2.5 in [63.5 mm]
.
Weight
0.25 lbs [113.4 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-42 40 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to
26.5 GHz PEWCP1041
PEWCP1041
PEWCP1041 REV 1.0
WR-42 40 dB Waveguide Crossguide Coupler, UG-
595/U Square Cover Flange, 18 GHz to 26.5 GHz


Similar Part No. - PEWCP1041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1040 PASTERNACK-PEWCP1040 Datasheet
408Kb / 5P
WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1042 PASTERNACK-PEWCP1042 Datasheet
409Kb / 5P
WR-42 50 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1043 PASTERNACK-PEWCP1043 Datasheet
407Kb / 5P
WR-51 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1044 PASTERNACK-PEWCP1044 Datasheet
406Kb / 5P
WR-51 30 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1045 PASTERNACK-PEWCP1045 Datasheet
407Kb / 5P
WR-51 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
More results

Similar Description - PEWCP1041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1048 PASTERNACK-PEWCT1048 Datasheet
537Kb / 5P
WR-42 Waveguide 20 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
PEWCT1049 PASTERNACK-PEWCT1049 Datasheet
536Kb / 5P
WR-42 Waveguide 30 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
PEWCT1050 PASTERNACK-PEWCT1050 Datasheet
537Kb / 5P
WR-42 Waveguide 40 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
PEWCT1051 PASTERNACK-PEWCT1051 Datasheet
537Kb / 5P
WR-42 Waveguide 50 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
PEWCP1039 PASTERNACK-PEWCP1039 Datasheet
410Kb / 5P
WR-42 20 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1040 PASTERNACK-PEWCP1040 Datasheet
408Kb / 5P
WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1042 PASTERNACK-PEWCP1042 Datasheet
409Kb / 5P
WR-42 50 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PE-W42SF005-24 PASTERNACK-PE-W42SF005-24 Datasheet
391Kb / 4P
WR-42 Seamless Flexible Waveguide, UG-595/U Square Cover Flange Operating From 18 GHz to 26.5 GHz
PEWAD5006 PASTERNACK-PEWAD5006 Datasheet
366Kb / 3P
WR-42 Waveguide Bulkhead Adapter UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWAD5010 PASTERNACK-PEWAD5010 Datasheet
419Kb / 4P
WR-42 Waveguide Bulkhead Adapter UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com