Electronic Components Datasheet Search
  English  ▼

X  

ML1350 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML1350
Description  Monolithic IF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1350 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML1350 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 6Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.lansdale.com
Page 1 of 6
Issue A
ML1350
Monolithic IF Amplifier
Legacy Device: Motorola MC1350
The ML1350 is an integrated circuit featuring wide range
AGC for use as a linear IF amplifier in AM radio, shortwave,
TV and instrumentation.
• Power Gain:
50 dB Typ at 45 MHz
50 dB Typ at 58 MHz
• AGC Range: 60 dB Min, DC to 45 MHz
• Nearly Constant Input & Output Admittance over the
Entire AGC Range
• Y21 Constant (–3.0 dB) to 90 MHz
• Low Reverse Transfer Admittance: << 1.0 µmho Typical
• 12 V Operation, Single–Polarity Power Supply
• Operating Temperature Range TA = 0° to +75° C
Note: See ML1490 Similar Function
SO 8 = -5P
PLASTIC PACKAGE
CASE 751
(SO–8)
P DIP = PP
PLASTIC PACKAGE
CASE 626
8
1
8
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 8
MC1350P
ML1350PP
SO 8
MC1350D
ML1350-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
Figure 1. Typical ML1350 Video IF Amplifier and MC1330 Low–Level Video Detector Circuit
470
220
45MHz
Input
50
ML1350
0.1µF
68pF
22
3.3k
+18Vdc
Auxiliary Video
Output
18V
10V
7.7V
3.9k
0
Primary Video
and Sound Output
4
3
2
1
7
6
5
4
AFT Output
T1
5
6
7
0.002µF
12pF
8
3
2
1
33pF
L1
3.9k
MC1330AP
AGC
T1
5
6
10
3"
Turns
Turns
Turns
All windings #30 AWG tinned nylon acetate
wire tuned with Carbonyl E or J slugs.
L1 wound with #26 AWG tinned nylon
acetate wire tuned by distorting winding.
3"
1"
5"
0.001µF
0.002µF
8
≈16
16
16
4
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
V+
+18
Vdc
Output Supply Voltage
V1, V8
+18
Vdc
AGC Supply Voltage
VAGC
V+
Vdc
Differential Input Voltage
Vin
5.0
Vdc
Power Dissipation (Package Limitation)
Plastic Package
Derate above
25°C
PD
625
5.0
mW
mW/°C
Operating Temperature Range
TA
0 to +75
°C


Similar Part No. - ML1350

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350 Datasheet
582Kb / 6P
Monolithic IF Amplifier
ML1350-5P LANSDALE-ML1350-5P Datasheet
582Kb / 6P
Monolithic IF Amplifier
ML1350PP LANSDALE-ML1350PP Datasheet
582Kb / 6P
Monolithic IF Amplifier
More results

Similar Description - ML1350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA4445A STMICROELECTRONICS-TDA4445A Datasheet
72Kb / 6P
SOUND IF AMPLIFIER
Dec-1992
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
RF/IF AMPLIFIER
logo
List of Unclassifed Man...
ECG1082 ETC1-ECG1082 Datasheet
90Kb / 2P
FM IF AMPLIFIER
logo
National Semiconductor ...
TBA440C NSC-TBA440C Datasheet
106Kb / 2P
Monolithic Video IF Amplifier
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350 Datasheet
582Kb / 6P
Monolithic IF Amplifier
logo
General Electric Compan...
6HR6 GEC-6HR6 Datasheet
67Kb / 1P
IF AMPLIFIER
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
IF AMPLIFIER
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
RF-IF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com