Electronic Components Datasheet Search
  English  ▼

X  

ML13135LP Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.lansdale.com
Page 8 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
Figure 17a. Single Channel Narrowband FM Receiver at 49.7 MHz
Figure 17b. PC Board Component View
Figure 17c. Optional Data Slicer Circuit
(Using Internal Op Amp)
24
0.2
µH
RF Input
50
Ω Source
62 pF
0.001
23
22
21
20
19
18
150 p
0.01
0.1
360
Ceramic
Filter
10.7 MHz
455 kHz
Quad Coil
10 k
39 k
0.15
1.0 k
17
16
15
14
13
12
0.1
2200 p
3
2
1
4
5
6
7
8
9
10
11
0.1
0.1
Ceramic
Filter
455 kHz
10.245 MHz
Xtal
39 MHz
Xtal
27 p
5.0 p
50 p
5.1 k
120 p
0.1
VCC
1.0
1.0 k
1.0
µH
AF
VCC2
2nd LO
VCC1
1st LO
Varicap
Limiter
Demod
Buffered LO
Output
Recovered
Audio
RSSI
Output
0.01
ML13135
0.001
VCC
1.0 M
Vin
(Pin 17)
20 k
20 k
16
15
14
10 k
FSK Data
Output
10 k
NOTES: 1. 0.2
µH tunable (unshielded) inductor
2. 39 MHz Series mode resonant
3rd Overtone Crystal
3. 1.5
µH tunable (shielded) inductor
4. 10.245 MHz Fundamental mode crystal,
32 pF load
5. 455 kHz ceramic filter, muRata CFU 455B
or equivalent
6. Quadrature coil, Toko 7MC–8128Z (7mm)
or Toko RMC–2A6597HM (10mm)
7. 10.7 MHz ceramic filter, muRata SFE10.7MJ–A
or equivalent
Figure 17.
2200p
27p
5p
0.1
120p
0.1
0.1
0.1
39K
0.1
0.22
0.15
1.0k
360
0.01
62p
1.0 k
39 MHz
10.245 MHz
1.0
10
+4.7
+10
MC34119
XT
XT
+
CF
455 KHz
6
3
4
5
2
1
7
+
+
10k
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com