Electronic Components Datasheet Search
  English  ▼

X  

OPF562 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPF562
Description  Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF562 Datasheet(HTML) 4 Page - TT Electronics.

  OPF562 Datasheet HTML 1Page - TT Electronics. OPF562 Datasheet HTML 2Page - TT Electronics. OPF562 Datasheet HTML 3Page - TT Electronics. OPF562 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Receiver
OPF560 Series
Issue B
08/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature
-55° C to +85° C
Opera ng Temperature
-40° C to +85° C
Lead Soldering Temperature (for 10 seconds)
260° C
Supply Voltage (VCC - VEE)
-0.5 to 6.0 V
Signal Pin Voltage
-0.5 to VCC
Output Current
25 mA
Electrical Specifications
Electrical Characteristics
(-5.45 V ≤ VCC ≤ -4.75 V, RLOAD = 511 W, Fiber Sizes ≤ 100 μm, N.A. ≤ 0.35, TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
RP
Responsivity
5.3
4.5
7.0
9.6
11.5
mV/µW
λ = 840 nm, f = 50 MHz
λ = 840 nm, f = 50 MHz, -40° ≤ TA ≤ +85 °C
VNO
RMS Output Noise Voltage
0.40
0.59
0.70
mV
Bandwidth Filtered @ 75 MHz, PR = 0 µW
Unfiltered Bandwidth, PR = 0 µW
PN
Equivalent Op cal Noise Input Power (RMS)
-43.0
0.050
-41.4
0.065
dBm
µW
Bandwidth Filtered @ 75 MHz
PR
Peak Input Power
-7.6
175
-8.2
150
dBm
µW
dBm
µW
TA = 25°C
TA = 25°C
-40° ≤ TA ≤ +85 °C
-40° ≤ TA ≤ +85 °C
Vodc
DC Output Voltage
-4.2
-3.1
-2.4
V
PR = 0 µW
IEE
Power Supply Current
9
15
mA
Rload = ∞
tr, tf
Rise Time, Fall Time (10% - 90%)
3.3
6.3
ns
PR = 100 μW, Rload = 511 W, Cload = 5 pF
PWD
Pulse Width Distor on
0.4
2.5
ns
PR = 150 µW peak, PW = 10 ns, 50% D.C.
PSRR
Power Supply Rejec on Ra o
20
dB
f = 10 MHz
BW
Bandwidth
125
MHz
-3 dB Electrical



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com