Electronic Components Datasheet Search
  English  ▼

X  

FAN53713 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN53713
Description  1.5 A Synchronous Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53713 Datasheet(HTML) 2 Page - ON Semiconductor

  FAN53713 Datasheet HTML 1Page - ON Semiconductor FAN53713 Datasheet HTML 2Page - ON Semiconductor FAN53713 Datasheet HTML 3Page - ON Semiconductor FAN53713 Datasheet HTML 4Page - ON Semiconductor FAN53713 Datasheet HTML 5Page - ON Semiconductor FAN53713 Datasheet HTML 6Page - ON Semiconductor FAN53713 Datasheet HTML 7Page - ON Semiconductor FAN53713 Datasheet HTML 8Page - ON Semiconductor FAN53713 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FAN53713
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Part Number
Output Voltage
(Note 1)
Max. Output
Current
(Note 1)
Temperature
Range
Package
Packing
Method
Device
Marking
FAN53713UC02X
0.7 V
1.5 A
−40 to 85
°C
WLCSP
Tape & Reel
GJ
1. Other voltage and output current options are available. Contact an On Semiconductor representative.
Table 2. RECOMMENDED EXTERNAL COMPONENTS
Component
Description
Vendor
Parameter
Typ.
Unit
L
1.0
mH, 20%, 2.3 A, 107 mW, 1608
DFE160810S−1R0M (Murata)
L
1.0
mH
CIN
2.2
mF, 20%, 6.3 V, X5R, 0402
C1005X5R0J225M050BC (TDK)
C
2.2
mF
COUT (Note 1)
22
mF, 20%, 6.3 V, X5R, 0603
C1608X5R0J226M080AC (TDK)
C
22
1. A 10
mF, 0402 capacitor can be used to reduce total solution size at the expense of load transient performance.
Pin Configuration
Figure 2. Top View
C1
B1
A1
C2
B2
A2
EN
MODE
FB
VIN
SW
GND
C1
B1
A1
C2
B2
A2
VIN
SW
GND
EN
MODE
FB
Figure 3. Bottom View
Table 3. PIN DEFINITIONS
Pin #
Name
Description
A1
EN
Enable. The device is in Shutdown Mode when voltage to this pin is <0.4 V and enabled
when >1.2 V. Do not leave this pin floating. Recommended for GPIO 1.8 V to drive this pin
A2
VIN
Input Voltage. Connect to input power source across CIN
B1
MODE
MODE
. Logic “LOW” allows the IC to be in a Super Low IQ (SLIQ) state. A Logic HIGH
allows the part to be in normal Iq state Auto Mode
B2
SW
Switching Node
. Connect to SW pad of inductor
C1
FB
Feedback. Connect to positive side of output capacitor
C2
GND
Ground. Power and IC ground. All signals are referenced to this pin
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Unit
VIN
Input Voltage
−0.3
6.5
V
VSW
Voltage on SW Pin
−0.3
VIN + 0.3 (Note 1)
V
VCTRL
EN, FB and Mode Pin Voltage
−0.3
VIN + 0.3 (Note 1)
V
ESD
Human Body Model per JESD22−A114
2.0
kV
Charged Device Model per JESD22−C101
1.0
TJ
Junction Temperature
−
40
+150
°C
TSTG
Storage Temperature
−
40
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Lesser of 6 V or VIN + 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com