Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1029 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1029
Description  WR-112 Waveguide 30 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1029 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1029 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1029 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1029 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1029 is a 30 dB three port, terminated WR-112 crossguide waveguide coupler that operates in the frequency
range of 7.05 to 10 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass UG-51/U
Square Cover Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four
port (unterminated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 30 dB Nominal Coupling Level
• 7.05 GHz to 10 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
Coupler
Nominal Coupling Level
30
dB
Directivity
25
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
5
Watts
.
Mechanical Specifications
Size
Length
8.75 in [222.25 mm]
Width
4 in [101.6 mm]
.
Interface
Waveguide Size
WR-112
Flange Type
Square Cover
Flange Designation
UG-51/U
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-112 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-51/U Square Cover Flange,
7.05 GHz to 10 GHz, Bronze PEWCT1029
PEWCT1029 REV 1.0
WR-112 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-
51/U Square Cover Flange, 7.05 GHz to 10 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1029


Similar Part No. - PEWCT1029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1020 PASTERNACK-PEWCT1020 Datasheet
462Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1021 PASTERNACK-PEWCT1021 Datasheet
468Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler
PEWCT1022 PASTERNACK-PEWCT1022 Datasheet
468Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler
PEWCT1023 PASTERNACK-PEWCT1023 Datasheet
469Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler
PEWCT1024 PASTERNACK-PEWCT1024 Datasheet
473Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler
More results

Similar Description - PEWCT1029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1113 PASTERNACK-PEWCT1113 Datasheet
521Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1001 PASTERNACK-PEWCT1001 Datasheet
461Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
PEWCT1028 PASTERNACK-PEWCT1028 Datasheet
463Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler
PEWCT1030 PASTERNACK-PEWCT1030 Datasheet
463Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1031 PASTERNACK-PEWCT1031 Datasheet
464Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1032 PASTERNACK-PEWCT1032 Datasheet
464Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler
PEWCT1033 PASTERNACK-PEWCT1033 Datasheet
477Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler
PEWCT1034 PASTERNACK-PEWCT1034 Datasheet
478Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1035 PASTERNACK-PEWCT1035 Datasheet
478Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1037 PASTERNACK-PEWCT1037 Datasheet
469Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com