Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1032 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1032
Description  WR-112 Waveguide 20 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1032 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1032 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1032 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1032 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1032 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1032 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1032 is a 20 dB three port, terminated WR-112 crossguide waveguide coupler that operates in the frequency
range of 7.05 to 10 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass CPR-112G
Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four port (untermi-
nated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 20 dB Nominal Coupling Level
• 7.05 GHz to 10 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
• Grooved CPR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
Coupler
Nominal Coupling Level
20
dB
Directivity
25
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
5
Watts
.
Mechanical Specifications
Size
Length
8.75 in [222.25 mm]
Width
4 in [101.6 mm]
.
Interface
Waveguide Size
WR-112
Flange Type
CPR-112G
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-112 Waveguide 20 dB Crossguide Coupler, 3 Port, CPR-112G Flange, 7.05 GHz to
10 GHz, Bronze PEWCT1032
PEWCT1032 REV 1.0
WR-112 Waveguide 20 dB Crossguide Coupler, 3 Port,
CPR-112G Flange, 7.05 GHz to 10 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1032


Similar Part No. - PEWCT1032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1030 PASTERNACK-PEWCT1030 Datasheet
463Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1031 PASTERNACK-PEWCT1031 Datasheet
464Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1033 PASTERNACK-PEWCT1033 Datasheet
477Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler
PEWCT1034 PASTERNACK-PEWCT1034 Datasheet
478Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1035 PASTERNACK-PEWCT1035 Datasheet
478Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
More results

Similar Description - PEWCT1032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
WR-62 Waveguide 20 dB Crossguide Coupler
PEWCT1028 PASTERNACK-PEWCT1028 Datasheet
463Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler
PEWCT1029 PASTERNACK-PEWCT1029 Datasheet
463Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler
PEWCT1030 PASTERNACK-PEWCT1030 Datasheet
463Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1031 PASTERNACK-PEWCT1031 Datasheet
464Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1033 PASTERNACK-PEWCT1033 Datasheet
477Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler
PEWCT1034 PASTERNACK-PEWCT1034 Datasheet
478Kb / 5P
WR-112 Waveguide 40 dB Crossguide Coupler
PEWCT1035 PASTERNACK-PEWCT1035 Datasheet
478Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1044 PASTERNACK-PEWCT1044 Datasheet
538Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com