Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1040 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWCT1040
Description  WR-137 Waveguide 20 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1040 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWCT1040 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1040 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1040 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1040 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1040 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-60
-50
-40
-30
-20
-10
0
5.8
6.1
6.4
6.7
7.0
7.3
7.6
7.9
8.2
0 dB
5.8GHz
Coupling Value
-60
-50
-40
-30
-20
-10
0
5.8
6.1
6.4
6.7
7.0
7.3
7.6
7.9
8.2
0 dB
5.8 GHz
Directivity
PEWCT1040 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-137 Waveguide 20 dB Crossguide Coupler, 3 Port, CPR-137G Flange, 5.85 GHz to
8.2 GHz, Bronze PEWCT1040
Waveguide Couplers Assemblies Technical Data
PEWCT1040
WR-137 Waveguide 20 dB Crossguide Coupler, 3 Port,
CPR-137G Flange, 5.85 GHz to 8.2 GHz, Bronze



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com