Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1041 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1041
Description  WR-137 Waveguide 30 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1041 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1041 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1041 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1041 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1041 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1041 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1041 is a 30 dB three port, terminated WR-137 crossguide waveguide coupler that operates in the frequency
range of 5.85 to 8.2 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass CPR-137G
Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four port (untermi-
nated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 30 dB Nominal Coupling Level
• 5.85 GHz to 8.2 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
• Grooved CPR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
Coupler
Nominal Coupling Level
30
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
6
Watts
.
Mechanical Specifications
Size
Length
11.25 in [285.75 mm]
Width
5 in [127 mm]
.
Interface
Waveguide Size
WR-137
Flange Type
CPR-137G
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-137 Waveguide 30 dB Crossguide Coupler, 3 Port, CPR-137G Flange, 5.85 GHz to
8.2 GHz, Bronze PEWCT1041
PEWCT1041 REV 1.0
WR-137 Waveguide 30 dB Crossguide Coupler, 3 Port,
CPR-137G Flange, 5.85 GHz to 8.2 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1041


Similar Part No. - PEWCT1041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1040 PASTERNACK-PEWCT1040 Datasheet
464Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1042 PASTERNACK-PEWCT1042 Datasheet
476Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1043 PASTERNACK-PEWCT1043 Datasheet
465Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
PEWCT1044 PASTERNACK-PEWCT1044 Datasheet
538Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1045 PASTERNACK-PEWCT1045 Datasheet
537Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
More results

Similar Description - PEWCT1041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1107 PASTERNACK-PEWCT1107 Datasheet
525Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
PEWCT1108 PASTERNACK-PEWCT1108 Datasheet
550Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1109 PASTERNACK-PEWCT1109 Datasheet
550Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1110 PASTERNACK-PEWCT1110 Datasheet
550Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1112 PASTERNACK-PEWCT1112 Datasheet
521Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1113 PASTERNACK-PEWCT1113 Datasheet
521Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1037 PASTERNACK-PEWCT1037 Datasheet
469Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1040 PASTERNACK-PEWCT1040 Datasheet
464Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1042 PASTERNACK-PEWCT1042 Datasheet
476Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1043 PASTERNACK-PEWCT1043 Datasheet
465Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com