Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1044 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1044
Description  WR-34 Waveguide 20 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1044 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1044 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1044 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1044 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1044 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1044 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1044 is a 20 dB WR-34 four port crossguide coupler with one coupled port terminated (making it a three port
coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide signal
path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are made of
bronze with brass UG-1530/U Square Cover flanges. The PEWCT1044 is part of a family of cross guide couplers offered
by Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1000. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1035.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 20 dB Nominal Coupling Level
• 2.92mm Female Coax Adapter
• 22 GHz to 33 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
22
33
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
20
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
1
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-34
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-34 Waveguide 20 dB Crossguide Coupler, UG-1530/U Square Cover Flange, 2.92mm
Female Coupled Port, 22 GHz to 33 GHz, Bronze PEWCT1044
PEWCT1044 REV 1.0
WR-34 Waveguide 20 dB Crossguide Coupler, UG-
1530/U Square Cover Flange, 2.92mm Female
Coupled Port, 22 GHz to 33 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1044


Similar Part No. - PEWCT1044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1040 PASTERNACK-PEWCT1040 Datasheet
464Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1041 PASTERNACK-PEWCT1041 Datasheet
464Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1042 PASTERNACK-PEWCT1042 Datasheet
476Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler
PEWCT1043 PASTERNACK-PEWCT1043 Datasheet
465Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
PEWCT1045 PASTERNACK-PEWCT1045 Datasheet
537Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
More results

Similar Description - PEWCT1044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1108 PASTERNACK-PEWCT1108 Datasheet
550Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1001 PASTERNACK-PEWCT1001 Datasheet
461Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
PEWCT1002 PASTERNACK-PEWCT1002 Datasheet
461Kb / 5P
WR-34 Waveguide 40 dB Crossguide Coupler
PEWCT1003 PASTERNACK-PEWCT1003 Datasheet
462Kb / 5P
WR-34 Waveguide 50 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
WR-62 Waveguide 20 dB Crossguide Coupler
PEWCT1020 PASTERNACK-PEWCT1020 Datasheet
462Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1045 PASTERNACK-PEWCT1045 Datasheet
537Kb / 5P
WR-34 Waveguide 30 dB Crossguide Coupler
PEWCT1046 PASTERNACK-PEWCT1046 Datasheet
538Kb / 5P
WR-34 Waveguide 40 dB Crossguide Coupler
PEWCT1047 PASTERNACK-PEWCT1047 Datasheet
538Kb / 5P
WR-34 Waveguide 50 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com