Electronic Components Datasheet Search
  English  ▼

X  

AL5802 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL5802
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL5802_14 Datasheet HTML 3Page - Diodes Incorporated AL5802_14 Datasheet HTML 4Page - Diodes Incorporated AL5802_14 Datasheet HTML 5Page - Diodes Incorporated AL5802_14 Datasheet HTML 6Page - Diodes Incorporated AL5802_14 Datasheet HTML 7Page - Diodes Incorporated AL5802_14 Datasheet HTML 8Page - Diodes Incorporated AL5802_14 Datasheet HTML 9Page - Diodes Incorporated AL5802_14 Datasheet HTML 10Page - Diodes Incorporated AL5802_14 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AL5802
Document number: DS35516 Rev. 9 - 2
7 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL5802
Application Information
Fig. 14 Typical Application Circuit for
Linear Mode Current Sink LED Driver
Fig. 15 Application Circuit for Increasing LED Current
The AL5802 has been designed for driving low current LEDs with typical
LED current of 20mA to 100mA. It provides a cost effective way for
driving low current LEDs compared with more complex switching
regulator solutions. Furthermore, it reduces the PCB board area of the
solution as there is no need for external components like inductors,
capacitors and switching diodes.
Figure 14 shows a typical application circuit diagram for driving an LED
or string of LEDs. The NPN transistor Q1 measures the LED current by
sensing the voltage across an external resistor REXT. Q1 uses its VBE as
reference to set the voltage across REXT and controls the base current
into Q2. Q2 operates in linear mode to regulate the LED current. The
LED current is
ILED = VBE(Q1) / REXT
From this, for any required LED current the necessary external resistor
REXT can be calculated from
REXT = VBE(Q1) / ILED
Two or more AL5802 can be connected in parallel to construct higher
current LED strings as shown in Figure 15.
Consideration of the expected linear mode power dissipation must be
factored into the design, with respect to the AL5802's thermal
resistance. The maximum voltage across the device can be calculated
by taking the maximum supply voltage less the voltage across the LED
string.
VCE(Q2) = VCC – VLED – VBE(Q1)
PD = VCE(Q2) * ILED + ( VCC – VBE(Q2) – VBE(Q1))
2 / R1
As the output current of AL5802 increases, it is necessary to provide
appropriate thermal relief to the device. The power dissipation
supported by the device is dependent upon the PCB board material, the
copper area and the ambient temperature. The maximum dissipation
the device can handle is given by:
PD = ( TJ(MAX) - TA) /RθJA
Refer to the thermal characteristic graphs on page 4 for selecting the
appropriate PCB copper area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com