Electronic Components Datasheet Search
  English  ▼

X  

BSS84 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BSS84
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BSS84 Datasheet(HTML) 2 Page - Micro Commercial Components

  BSS84 Datasheet HTML 1Page - Micro Commercial Components BSS84 Datasheet HTML 2Page - Micro Commercial Components BSS84 Datasheet HTML 3Page - Micro Commercial Components BSS84 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BSS84
Micro Commercial Components
MCC
TM
Revision: A
2014/12/03
www.mccsemi.com
2 of 4
Electrical characteristics per line@25o
C( unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =-250µA
-50
V
VDS =-50V,VGS = 0V
-15
µA
Zero gate voltage drain current
IDSS
VDS =-25V,VGS = 0V
-0.1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±
5
µA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =-250µA
-0.9
-2
V
VGS =-5V, ID =-0.1A
10
Ω
Drain-source on-resistance (note 3)
RDS(on)
VGS =-10V, ID =-0.1A
8
Ω
Forward transconductance (note 1)
gFS
VDS=-25V; ID=-100mA
50
mS
DYNAMIC CHARACTERISTICS (note 4)
Input capacitance
Ciss
30
pF
Output capacitance
Coss
10
pF
Reverse transfer capacitance
Crss
VDS =5V,VGS =0V,f =1MHz
5
pF
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
2.5
ns
Turn-on rise time
tr
1
ns
Turn-off delay time
td(off)
16
ns
Turn-off fall time
tf
VDD=-15V,
RL=50Ω, ID =-2.5A
8
ns
SOURCE−DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
-0.13
A
Pulsed Current
ISM
-0.52
A
Diode forward voltage (note 3)
VSD
IS=-0.13A, VGS = 0V
-2.2
V
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t≤10s.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle≤2%.
4. Guaranteed by design, not subject to producting.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com