Electronic Components Datasheet Search
  English  ▼

X  

AL5811MP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5811MP
Description  75mA, 60V Low-side Adjustable Linear LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5811MP Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5811MP Datasheet HTML 1Page - Diodes Incorporated AL5811MP Datasheet HTML 2Page - Diodes Incorporated AL5811MP Datasheet HTML 3Page - Diodes Incorporated AL5811MP Datasheet HTML 4Page - Diodes Incorporated AL5811MP Datasheet HTML 5Page - Diodes Incorporated AL5811MP Datasheet HTML 6Page - Diodes Incorporated AL5811MP Datasheet HTML 7Page - Diodes Incorporated AL5811MP Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AL5811EV1 User Guide
75mA, 60V Low-side Adjustable Linear LED Driver
AL5811EV1 Rev2
Page 4 of 8
January 2013
www.diodes.com
II) Current LED String Procedure in Low side current LED configuration with PWM dimming
1. The evaluation board can be configured as Low side current LED configuration with use
of PWM dimming.
2. Ensure that the DC source is switched OFF or disconnected.
3. Connect the DC line wires of power supply to VIN and GND terminals on the board.
4. Connect the anode wire of external LED string to VIN of the board.
5. Connect the cathode wire of external LED string to LED terminal of the board.
6. Load 10KΩ to R2 on the board. Do not load any components on R1 and R3.
7. Insert external MOSFET across R3 pads of the board for PWM dimming control.
8. Ensure that the area around the board is clear and safe, and preferably that the board
and LEDs are enclosed in a transparent safety cover.
9. Turn on the main switch. LED string should light up with LED.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com