Electronic Components Datasheet Search
  English  ▼

X  

179 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 179
Description  12VDC and 12VAC input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

179 Datasheet(HTML) 7 Page - Diodes Incorporated

  179 Datasheet HTML 1Page - Diodes Incorporated 179 Datasheet HTML 2Page - Diodes Incorporated 179 Datasheet HTML 3Page - Diodes Incorporated 179 Datasheet HTML 4Page - Diodes Incorporated 179 Datasheet HTML 5Page - Diodes Incorporated 179 Datasheet HTML 6Page - Diodes Incorporated 179 Datasheet HTML 7Page - Diodes Incorporated 179 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AL8806EV6
Issue 1 – June 2011
© Diodes Incorporated 2011
www.diodes.com
7 of 8
Current Setting
The LED current is set by the sense resistor value, RSENSE. On this PCB, there are two resistors in
parallel.
RSENSE = R1 * R2 / (R1 + R2)
For the schematic values this gives a resistance of 0.15 * 0.2 (0.15 + 0.2) = 0.0857 ohms.
The LED current flows through RSENSE. The sense voltage is 100mV, so the LED current is simply
ILED = 0.1/ RSENSE
For the schematic values this gives an LED current of 0.1/0.0857 = 1.167 A nominally. In practice
there is a slight reduction in current partly due to the resistance of the PCB copper, depending on the
PCB layout. At 1.1A this reduction is typically about 5% using AL8806EV6.
The following table gives commercially available resistor values for typical current requirements,
allowing a current error of 3% maximum not including the effect of PCB copper. A power limit of
125mW is assumed for the 0805 size resistors with 50% de-rating.
LED Current
R1, ohms
R2, ohms
150mA
0.68
DO NOT FIT
300mA
0.33
DO NOT FIT
380mA
0.51
DO NOT FIT
500mA
0.2
DO NOT FIT
660mA
0.15
DO NOT FIT
1A
0.2
0.2
1.1A
0.15
0.2
Performance
The performance of the AL8806EV6 demonstrated shows the capability to regulate LED current. The
LED current of 1.1A is approximately 5% lower than the calculated value. This is partly due to copper
resistance. With a load of 2 LEDs, the current changes by less than ±2% over the input voltage range
from 9VDC to 30VDC. With 2 LEDs and a supply of 12VDC, the switching frequency is approximately
440kHz.
For further advice, please contact your local Diodes Field Applications Engineer, or one of our
sales offices listed on the back page of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com