Electronic Components Datasheet Search
  English  ▼

X  

TDS2024B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TDS2024B
Description  12VDC and 12VAC input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TDS2024B Datasheet(HTML) 2 Page - Diodes Incorporated

  TDS2024B Datasheet HTML 1Page - Diodes Incorporated TDS2024B Datasheet HTML 2Page - Diodes Incorporated TDS2024B Datasheet HTML 3Page - Diodes Incorporated TDS2024B Datasheet HTML 4Page - Diodes Incorporated TDS2024B Datasheet HTML 5Page - Diodes Incorporated TDS2024B Datasheet HTML 6Page - Diodes Incorporated TDS2024B Datasheet HTML 7Page - Diodes Incorporated TDS2024B Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AL8806EV6
Issue 1 – June 2011
© Diodes Incorporated 2011
www.diodes.com
2 of 8
Quick Start Guide
Suitable Test Equipment
Count
Description
Manufacturer
Part Number
1
Adjustable Power Supply, 12V
2A
Thurlby Thandar
CPX400A
2
Digital Multimeter
Fluke
179
1
Digital Storage Oscilloscope
Tektronix
TDS2024B
2
LED, high brightness, “Dragon
Diamond”, series connected on
suitable heat conducting PCB
Osram
Lamp Operation
1.
Set the power supply to 12.0V but do not switch on. Set the current limit to 2.0A.
2.
Connect up the AL8806EV6 board to the equipment as in Figure 1 below. Set DMM1 and
DMM2 to measure current up to 2A.
Figure 1: Test Schematic using VDC Input
3.
Cover the LEDs to avoid dazzling.
4.
Switch on the power supply. This should illuminate the LEDs. Note that the input current
(DMM1) is approximately 690mA. The output current (DMM2) is approximately 1.12A. The
input voltage can be varied from approximately 9VDC to 30VDC and the current regulation
observed is typically within ±2%.
CAUTION: The LEDs are very bright. Ensure
they are hidden from direct view, or covered
with a dispersing filter.
The lid from an
aerosol can is convenient for this.
Also the LEDs are very hot. Do not touch!!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com