Electronic Components Datasheet Search
  English  ▼

X  

AL8808 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8808
Description  The input bridge rectifier provides the board with reverse battery protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8808 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8808 Datasheet HTML 1Page - Diodes Incorporated AL8808 Datasheet HTML 2Page - Diodes Incorporated AL8808 Datasheet HTML 3Page - Diodes Incorporated AL8808 Datasheet HTML 4Page - Diodes Incorporated AL8808 Datasheet HTML 5Page - Diodes Incorporated AL8808 Datasheet HTML 6Page - Diodes Incorporated AL8808 Datasheet HTML 7Page - Diodes Incorporated AL8808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AL8808EV1
Issue 1 – January 2013
www.diodes.com
© Diodes Incorporated 2013
2
AL8808 DEVICE DESCRIPTION
The AL8808 is a continuous mode inductive driver in a TSOT25 package, for driving one or more
series-connected LEDs efficiently from a voltage source higher than the LED voltage. The device
includes the output switch and a current sense circuit, which requires an external sense resistor to set
the nominal current up to 1000mA.
AL8808 DEVICE FEATURES
•
Drives one or more series-connected LEDs
•
LEDs up to 1000mA.
•
Internal 30V switch.
•
Wide input voltage: 6V to 30V.
•
Inherent open circuit LED protection.
•
Built in over temperature protection.
•
Brightness control using DC or PWM.
DEVICE APPLICATIONS
•
LED flashlights.
•
High Power LED driving.
•
Low-voltage halogen replacement LEDs.
•
Automotive lighting.
•
Illuminated signs.
AL8808 Device Package, Pin and Definitions
TSOT25 package
Pin Definition
Name
Pin No
Description
SW
1
Drain of NDMOS switch.
GND
2
Ground (0V).
CTRL
3
Internal voltage ref. pin (5V) :
•
Leave floating for normal operation.
•
Connect to GND to turn off output current.
•
Drive with DC voltage (0.4V to 2.5V) or with PWM (up to 5V
logic level) signal to adjust output current.
SET
4
Connect a sense resistor, R1, from the SET pin to VIN to sense the
nominal output current. Nominal Iout = 0.1/ R1.
VIN
5
Input voltage: 6V to 30V. Decouple to ground with a 2.2uF or higher
ceramic capacitor.
ORDERING INFORMATION
EVALBOARD ORDER NUMBER
AL8808EV1
DEVICE ORDER NUMBER
AL8808WT-7
NOTE: Evaluation boards are subject to availability and qualified sales leads.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com