Electronic Components Datasheet Search
  English  ▼

X  

-ND Datasheet(PDF) 3 Page - Diodes Incorporated

Part # -ND
Description  High Current and High Voltage LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

-ND Datasheet(HTML) 3 Page - Diodes Incorporated

  -ND Datasheet HTML 1Page - Diodes Incorporated -ND Datasheet HTML 2Page - Diodes Incorporated -ND Datasheet HTML 3Page - Diodes Incorporated -ND Datasheet HTML 4Page - Diodes Incorporated -ND Datasheet HTML 5Page - Diodes Incorporated -ND Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AL9910AEV2 User Guide
High Current Non-Dimmable
AL9910AEV2 Rev1
Page 3 of 6
August 2014
www.diodes.com
Quick Start Guide 
1. By default, the evaluation board is preset at 2.5A LED Current by R25, and R26. Non‐
Dimmable by R22, remove R22 to allow PWM Dimming input. 
2. Ensure that the DC source is switched OFF or disconnected. 
3. Connect the DC line wires of power supply to “Vin and GND” on the left side of the board. 
4. Connect the anode wire of external LED string to LEDA output test point.  
5. Connect the cathode wire of external LED string to LEDK output test point.   
6. Turn on the main switch.  LED string should light up.  
 
Bill of Material  
#
Name
Quantity
Part number
Manufacturer
Description
1 
U3 
1 
AL9910ASP-13
Diodes Inc 
LED Driver 
2 
D1 
1 
SBR10U200P5-13
Diodes Inc 
Super Barrier Rectifiers
3 
Q1
1 
DMN10H170SK3-13
Diodes Inc 
MOSFET 100V/12A
4 
L1
1 
7447709101
Wurth 
100µH, 3.1A Inductor
5 
R12,R17,
R21,R22
4 
541-0.0ACT-ND
Vishay 
0Ω Resistor 1/8W 1% 0805 SMD
6 
R24
1 
P226KCCT-ND
Panasonic 
226kΩ Resistor 1/8W 1% 0805 SMD
7 
R25,R26
2 
CSRN2512FKR300CT
-ND
Stackpole 
0.15Ω Resistor 2W 1% 2512 SMD
8 
R16
1 
311-1.00KCRCT-ND
Yageo 
1KΩ Resistor 1/8W 1% 0805 SMD
9 
C2,C5
2 
587-1777-1-ND
Taiyo 
1µF Cer Cap 100V 10% X7R
10 
C3,C4,
C9,C10
4 
587-1404-1-ND
Taiyo 
2.2µF Cer Cap 100V 10% X7R
11 
C11
1 
399-1159-1-ND
Kemet 
0.01µF Cer Cap 100V 10% X7R
12 
C12
1 
587-2668-1-ND
Taiyo 
10µF Cer Cap 10V 10% X7R
 
 
 
Functional Performance  
Manuf 
Board Type 
VIN 
(VDC) 
IIN 
(A) 
PIN
(W) 
VLED
(V) 
ILED
(A) 
PLED
(W) 
ILED
Ripple 
(%) 
Efficiency
(%) 
Diodes 
Inc 
AL9910AEV2 
Module 
Board 
80 
0.95 
76.00
26.19
2.59
67.83
20
89.25 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com