Electronic Components Datasheet Search
  English  ▼

X  

B140 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B140
Description  step-down DC/DC converter designed to drive LEDs with a constant current.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140 Datasheet(HTML) 1 Page - Diodes Incorporated

  B140 Datasheet HTML 1Page - Diodes Incorporated B140 Datasheet HTML 2Page - Diodes Incorporated B140 Datasheet HTML 3Page - Diodes Incorporated B140 Datasheet HTML 4Page - Diodes Incorporated B140 Datasheet HTML 5Page - Diodes Incorporated B140 Datasheet HTML 6Page - Diodes Incorporated B140 Datasheet HTML 7Page - Diodes Incorporated B140 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 3 – August 2009
www.diodes.com
© Diodes Incorporated, 2009
AP8800EV1 USER GUIDE
DESCRIPTION
The AP8800EV1, Figure 1, is a PCB constructed using an FR4 base for evaluating the AP8800 LED
driver with internal switch in SOP-8L package. The evaluation board can be used to drive an external
choice of LEDs; the total forward voltage across the LEDs depending on the number and type
connected. [1]
The suggested operating voltage for the evaluation board ranges from 8V to 28V maximum.
Higher voltage means lower supply current.
The nominal current for the evaluation board is set at 300mA with a 0R33 sense resistor, R1.
Test point CTRL provides a connection point for DC or PWM dimming and shutdown.
Note: The evaluation board does not have reverse polarity protection
Warning: with 300mA output, the connected LED will be hot and very bright
Figure 1: AP8800EV1 Evaluation Board
AP8800 DEVICE DESCRIPTION
The AP8800 is a step-down DC/DC converter designed to drive LEDs with a constant current. The
device can drive up to thirteen LEDs, depending largely on the forward voltage of the LEDs, in series
from a voltage source of 8V to 28V. Series connection of the LEDs provides identical LED currents
resulting in uniform brightness and eliminates the need for ballast resistors. The AP8800 switches at
frequencies up to 500KHz. This allows the use of small size external components, hence minimizing
the PCB area needed.
Maximum output current of AP8800 is set via an external resistor connected between the VIN and SET
input pins. Dimming is achieved by applying either a DC voltage or a PWM signal at the CTRL input
pin. An input voltage of 0.2V or lower at CTRL shuts down the output at SW and puts the device into
a low-current standby state.
The device includes the output switch and a current sense circuit, which requires an external sense
resistor to set the nominal current up to 300mA.


Similar Part No. - B140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B140 DIODES-B140 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B140 FUJI-B140 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B140 WEITRON-B140 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B140 BILIN-B140 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
B140 VISHAY-B140 Datasheet
111Kb / 5P
Surface Mount Schottky Barrier Rectifier
19-May-08
More results

Similar Description - B140

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
DC-to-DC Step-Down Converter
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
DC-to-DC Step-Down Converter
logo
Mean Well Enterprises C...
LDD-H-DA MEANWELL-LDD-H-DA Datasheet
106Kb / 4P
DC-DC Constant Current Step-Down LED driver with DALI
logo
Diodes Incorporated
AP8802EV2 DIODES-AP8802EV2 Datasheet
216Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
logo
Mean Well Enterprises C...
LDD-300LW MEANWELL-LDD-300LW Datasheet
149Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDDS-H MEANWELL-LDDS-H Datasheet
108Kb / 5P
DC-DC Constant Current Step-Down LED driver
NLDD-H MEANWELL-NLDD-H Datasheet
595Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDD-H-SPEC MEANWELL-LDD-H-SPEC Datasheet
1Mb / 6P
DC-DC Constant Current Step-Down LED driver
2022-05-24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com