Electronic Components Datasheet Search
  English  ▼

X  

FMMT458 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT458 Datasheet HTML 1Page - Diodes Incorporated FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 1 of 10
July 2015
www.diodes.com
General Description 
This  AP1694A  Triac  Dimmable  GU10 
12V/400mA  Buck  LEDs  driver  EV  board  use 
tapped  transformer  to  increasing  power 
conversion  turn  on  duty  cycle,  boost 
current  back  to  LED  during  ratio  of  tapped 
winding. Also the bigger gauge wire can be 
used as well as the large inductance can be 
suitable in switching loop which can reduce 
the  switching  current  and  the  lower 
forward drop so that SBR diode can be used 
which  can  reduce  the  power  consumption 
on the diodes. 
 
Key Features 
 Typical 3% to 95% Dimming 
performance (Depends on dimmers 
brands) 
 Boundary conductive switching mode 
 Simple adjustable Constant Current  
 Inductor Short Protection 
 Low BOM cost 
 PFC >0.9 & low THD. 
 200 ~265V
AC input range 
 >77% Efficiency 
 With open, short, and wrong polarity 
LED protection 
 
 
Applications  
 GU10 LED Offline small size bulb 
 Candle size LED lamp 
 Desktop lamps 
 Under the counter lamps 
 
 
 
 
AP1694A EV11 Specifications 
Parameter
Value 
Input Voltage 
200 to 265VAC 
PFC 
> 0.9 
LED Current 
400mA (Adjustable) 
LED Voltage 
12V 
Efficiency 
>77% 
Number of LEDs  
4 LEDs in series 
(Under Tested) 
XYZ Dimension  
28.5 x 16.5 x 14.5mm 
ROHS Compliance  
Yes  
 
Evaluation Board 
Figure 1: Top View 
 
Figure 2: Bottom View 
 
Connection Instructions  
Input Voltage:  230VAC (AC+, AC‐)  
LED Outputs:  LED+ (Red), LED‐ (Black) 
 


Similar Part No. - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT458 ZETEX-FMMT458 Datasheet
130Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT458 KEXIN-FMMT458 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
logo
Galaxy Semi-Conductor H...
FMMT458 BILIN-FMMT458 Datasheet
180Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
First Components Intern...
FMMT458 FCI-FMMT458 Datasheet
155Kb / 1P
NPN Epitaxial Planar Transistor
More results

Similar Description - FMMT458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
120VAC Triac Dimmable GU10 LED Driver
Rev 2
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
Rev 1
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com