Electronic Components Datasheet Search
  English  ▼

X  

ML4044 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML4044
Description  Phase Frequency Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML4044 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML4044 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML4044 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML4044 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML4044 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML4044 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.lansdale.com
Page 1 of 5
Issue 0
ML4344_4044
Phase Frequency Detector
This device contains two digital phase detectors and a charge
pump circuit which converts MTTL inputs to a dc voltage level
for use in frequency discrimination and phase–locked–loop
applications.
The two phase detectors have common inputs. Phase–frequen-
cy detector 1 is locked in (indicated by both outputs high) when
the negative transitions of the variable input (V1) and reference
input (R1) are equal in frequency and phase. If the variable input
is lower in frequency or lags in phase, the U1 (up) output goes
low; conversely the D1 (down) output goes low when the vari-
able input is higher in frequency or leads the reference input in
phase. It is important to note that the duty cycles of the variable
input and the reference input are not important since negative
transitions control system operation.
Phase detector 2, on the other hand, is locked in when the vari-
able input phase lags the reference phase th 90º (indicated by the
U2 and D2 outputs alternately going low with equal pulse
widths). If the variable input phase lags by more than 90º, U2
will remain low longer than D2, and conversely, if the variable
input phase lags the reference phase by less than 90º, D2
remains low longer. In this phase detector the variable input and
the reference must have 50% duty cycles.
The charge pump accepts the phase detector outputs (U1 or U2
applied to PU, and D1 or D2 applied to PD) and converts them
to fixed amplitude positive and negative pulses at the UF and DT
outputs respectively. These pulses are applied to a lag-lead active
filter, which incorporates external components, as well as the
amplifier provided in the MC4344/4044 circuit. The filter pro-
vides a dc voltage proportional to the phase error.


Similar Part No. - ML4044

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML4044 LANSDALE-ML4044 Datasheet
6Mb / 5P
Phase Frequency Detector
More results

Similar Description - ML4044

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40 Datasheet
72Kb / 3P
Phase-Frequency Detector
1997 REV 0
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
Phase Frequency Detector
August 1998
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
PHASE FREQUENCY DETECTOR
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
Phase-Frequency Detector
April, 2004 ??Rev. 7
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
Phase-Frequency Detector
logo
ON Semiconductor
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com