Electronic Components Datasheet Search
  English  ▼

X  

ML33111EP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML33111EP
Description  Low Voltage Compander Silicon Monolithic Integrated Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111EP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML33111EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.lansdale.com
Page 2 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
PIN FUNCTION DESCRIPTION
Name
Pin
Description
Ground
1
Connect to a clean power supply ground.
Compressor Output
2
Output of the compressor section.
Compressor Input
3
Compressor input. The input impedance is nominally 10 k
Ω. Nominal signal range is
1.0 mVrms to 1.0 Vrms in normal mode, and up to 0.8 Vrms in passthrough mode.
Must be capacitor coupled to the signal source.
Compressor Mute
4
A logic high mutes the compressor. A logic low permits normal operation and passthrough.
Compressor Filter
5
Connect an external capacitor to filter the full wave rectifier’s output.
This capacitor affects attack and decay times, and low frequency accuracy.
Amplifier #1
6, 7
Inverting input (7) and output (6) of an op amp internally referenced to Vb.
Passthrough
8
A logic high sets the gain of both expander and compressor to
≈ 0 dB, independent of
input level.
Amplifier #2
9, 10
Inverting input (9) and output (10) of an op amp internally referenced to Vb.
Expander Filter
11
Connect an external capacitor to filter the full wave rectifier’s output.
This capacitor affects attack and decay times, and low frequency accuracy.
Expander Mute
12
A logic high mutes the expander. A logic low permits normal operation and passthrough.
No Connect
13
This pin is not internally connected to anything.
Expander Input
14
Expander input. The input impedance is nominally 10.9 k
Ω. Nominal signal range is
10 mVrms to 316 mVrms in normal mode, and up to 1.0 Vrms in passthrough mode.
Must be capacitor coupled to the signal source.
Expander Output
15
Output of the expander section.
VCC
16
Power supply. Connect to a power supply voltage in the range of 3.0 V to 7.0 V.
Bypass capacitor should be provided at this pin.
TRANSFER FUNCTIONS
Vb
15 k
Rectifier
40 k
∆ Gain
Vout
Vin
Vout = 10 x Vin2
Expander
Compressor
Vb
Rectifier
∆ Gain
Vin
Vout
10 k
Compression
Expansion
20 dB
10 dB
0 dB
–10 dB
– 20 dB
– 30 dB
– 40 dB
10 mV
31.6 mV
316 mV
1.0 V
100 mV
10 mV
1.0 mV
(Voltages are rms)
Vout
0.3162 x Vin
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VCC Supply Voltage (Pin 16 – Pin 1)
VCC
– 0.5, +12
Vdc
High Input Voltage (Pins 3, 4, 8, 12, 14)
VIH
VCC + 0.5
Vdc
Low Input Voltage (Pins 3, 4, 8, 12, 14)
VIL
– 0.5
Vdc
Output Source Current (Pins 2, 6, 10, 15)
IO+
Self-limiting
mA
Output Sink Current (Pins 2, 6, 10, 15)
IO–
Self-limiting
mA
Storage Temperature
Tstg
– 65, +150
°C
NOTE: Devices should not be operated at these limits. The “Recommended Operating Conditions”
provides for actual device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com