Electronic Components Datasheet Search
  English  ▼

X  

ML145156 Datasheet(PDF) 25 Page - LANSDALE Semiconductor Inc.

Part # ML145156
Description  PLL Frequency Synthesizer Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145156 Datasheet(HTML) 25 Page - LANSDALE Semiconductor Inc.

Back Button ML145156 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 22Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 23Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 24Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 25Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 26Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 27Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 28Page - LANSDALE Semiconductor Inc. ML145156 Datasheet HTML 29Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
www.lansdale.com
Page 25 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML1451xx
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 10 ns)
Symbol
Parameter
VDD
V
Guaranteed Limit
255C
Guaranteed Limit
– 40 to 85°C
Unit
tPLH, tPHL Maximum Propagation Delay, fin to MC
(Figures 1 and 4)
3
5
9
110
60
35
120
70
40
ns
tPHL
Maximum Propagation Delay, ENB to SW1, SW2
(Figures 1 and 5)
3
5
9
160
80
50
180
95
60
ns
tw
Output Pulse Width, φR, φV, and LD with fR in Phase with fV
(Figures 2 and 4)
3
5
9
25 to 200
20 to 100
10 to 70
25 to 260
20 to 125
10 to 80
ns
tTLH
Maximum Output Transition Time, MC
(Figures 3 and 4)
3
5
9
115
60
40
115
75
60
ns
tTHL
Maximum Output Transition Time, MC
(Figures 3 and 4)
3
5
9
60
34
30
70
45
38
ns
tTLH, tTHL Maximum Output Transition Time, LD
(Figures 3 and 4)
3
5
9
180
90
70
200
120
90
ns
tTLH, tTHL Maximum Output Transition Time, Other Outputs
(Figures 3 and 4)
3
5
9
160
80
60
175
100
65
ns
SWITCHING WAVEFORMS
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and fixture capacitance.
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and fixture capacitance.
VDD
15 kΩ
tTLH
90%
10%
tTHL
ANY
OUTPUT
Figure 1.
Figure 2.
50%
OUTPUT
50%
INPUT
tPLH
– V SS
VDD
tPHL
50%
φR, φV, LD*
*fR in phase with fV.
tw
OUTPUT
OUTPUT
Figure 3.
Figure 4. Test Circuit
Figure 5. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com