Electronic Components Datasheet Search
  English  ▼

X  

ML145403 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML145403
Description  Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145403 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145403 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145403 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lansdale.com
Page 4 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
DRIVER ELECTRICAL SPECIFICATIONS
(Voltage Polarities Referenced to GND = 0 V, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C, VCC = + 5 V, ± 10%)
Characteristic
Symbol
Min
Typ
Max
Unit
Digital Input Voltage
DI1 – DI
n
Logic 0
Logic 1
VIL
VIH
—
2
—
—
0.8
—
V
Input Current
DI1 – DI
n
VDI = GND
VDI = VCC
IIL
IIH
—
—
7
—
—
± 1.0
µA
Output High Voltage
Tx1 – Tx
n
VDI = Logic 0, RL = 3 kΩ
VDD = + 5.0 V, VSS = – 5.0 V
VDD = + 6.0 V, VSS = – 6.0 V
VDD = + 12.0 V, VSS = – 12.0 V
VOH
3.5
4.3
9.2
3.9
4.7
9.5
—
—
—
V
Output Low Voltage*
Tx1 – Tx
n
VDI = Logic 1, RL = 3 kΩ
VDD = + 5.0 V, VSS = – 5.0 V
VDD = + 6.0 V, VSS = – 6.0 V
VDD = + 12.0 V, VSS = – 12.0 V
VOL
– 4
– 4.5
– 10
– 4.3
– 5.2
– 10.3
—
—
—
V
Input Current
Tx1 – Tx
n
(Figure 5)
Zoff
300
—
—
Output Short Circuit Current
Tx1 – Tx
n
VDD = + 12 V, VSS = – 12 V
Tx Shorted to GND**
Tx Shorted to ± 15 V***
ISC
—
—
± 22
± 60
± 60
± 100
mA
* Voltage specifications are in terms of absolute values.
** Specification is for one Tx output pin to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation
limits will be exceeded.
*** This condition could exceed package limitations.
SWITCHING CHARACTERISTICS (VCC = + 5 V, ± 10%, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C; See Figures 2 and 3)
Characteristic
Symbol
Min
Typ
Max
Unit
Drivers
Propagation Delay Time Tx
Low–to–High
RL = 3 kΩ, CL = 50 pF
tPLH
—
500
1000
ns
High–to–Low
RL = 3 kΩ, CL = 50 pF
tPHL
—
700
1000
Output Slew Rate
Minimum Load
RL = 7 kΩ, CL = 0 pF (VDD = 6 to 12 V, VSS = – 6 to – 12 V)
SR
—
± 6
± 30
V/µs
Maximum Load
RL = 3 kΩ, CL = 2500 pF (VDD = 12 V, VSS = – 12 V, VCC = 5 V)
4
—
—
Receivers (CL = 50 pF)
Propagation Delay Time
Low–to–High
tPLH
—
360
610
ns
High–to–Low
tPHL
—
130
610
Output Rise Time
tr
—
250
400
ns
Output Fall Time
tf
—
40
100
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com