Electronic Components Datasheet Search
  English  ▼

X  

AH374 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH374
Description  SINGLE PHASE HALL EFFECT LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH374 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH374 Datasheet HTML 1Page - Diodes Incorporated AH374 Datasheet HTML 2Page - Diodes Incorporated AH374 Datasheet HTML 3Page - Diodes Incorporated AH374 Datasheet HTML 4Page - Diodes Incorporated AH374 Datasheet HTML 5Page - Diodes Incorporated AH374 Datasheet HTML 6Page - Diodes Incorporated AH374 Datasheet HTML 7Page - Diodes Incorporated AH374 Datasheet HTML 8Page - Diodes Incorporated AH374 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AH374
Document number: DS39163 Rev. 1 - 2
1 of 12
www.diodes.com
December 2016
© Diodes Incorporated
AH374
SINGLE PHASE HALL EFFECT LATCH
Description
The AH374 is an integrated Hall-Effect latched sensor designed for
electronic commutation of brush-less DC motor applications. The
device includes an on-chip Hall voltage generator for magnetic
sensing, a comparator that amplifies the Hall voltage, and a Schmitt
trigger to provide switching hysteresis for noise rejection, and open
drain output. An internal band-gap regulator provides a temperature
compensated supply voltage for internal circuits and allows a wide
operating supply range.
When the magnetic flux density (B) is larger than operate point (BOP),
output is switched on (OUT pin is pulled low). The output state is held
on until a magnetic flux density reversal falls below BRP. When B is
less than BRP, the output is switched off.
The AH374 is available in SIP-3 (Ammo Pack), SIP-3 (Bulk Pack),
SC59 and SOT23 packages.
Features
Bipolar Hall Effect Latch Operation
2.2V to 20V Operating Range
Open Drain Pre-Driver
25mA Output Sink Capability
-40
C to +125°C Operating Temperature
Industry Standard SIP-3 (Ammo Pack), SIP-3 (Bulk Pack), SC59
and SOT23 Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1. VDD
GND 2.
3. OUT
SC59 and SOT23
(Top View)
1. VDD
2. GND
3. OUT
SIP-3 (Bulk Pack)
Applications
•
Brush-Less DC Motor
•
Brush-Less DC Fan
•
Revolution Counting
•
Speed Measurement
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Application Circuits
AH374
OUTPUT
GND
RL
CIN
VDD
Typical AH374 Circuit
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 10nF ~ 100nF.
RL is the pull-up resistor, the recommended resistance is 10k ~ 100k.


Similar Part No. - AH374

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712-P-B DIODES-AH3712-P-B Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712-SA-7 DIODES-AH3712-SA-7 Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712-W-7 DIODES-AH3712-W-7 Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712A-P-B DIODES-AH3712A-P-B Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
More results

Similar Description - AH374

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com