Electronic Components Datasheet Search
  English  ▼

X  

SF5G49 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SF5G49
Description  TOSHIBA Thyristor Silicon Planar Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF5G49 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SF5G49 Datasheet HTML 1Page - Toshiba Semiconductor SF5G49 Datasheet HTML 2Page - Toshiba Semiconductor SF5G49 Datasheet HTML 3Page - Toshiba Semiconductor SF5G49 Datasheet HTML 4Page - Toshiba Semiconductor SF5G49 Datasheet HTML 5Page - Toshiba Semiconductor SF5G49 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SF5G49,SF5J49,USF5G49,USF5J49
2002-02-05
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Repetitive peak off-state current
and Repetitive peak reverse current
IDRM
IRRM
VDRM = VRRM = Rated
RGK = 330 W
¾
¾
20
mA
Peak on-state voltage
VTM
ITM = 12 A
¾
¾
1.6
V
Gate trigger voltage
VGT
¾
¾
0.8
V
Gate trigger current
IGT
VD = 6 V, RL = 100 W
RGK = 330 W
3
¾
70
mA
Gate non-trigger voltage
VGD
VD = Rated ´ 2/3, Tc = 125°C
0.2
¾
¾
V
Critical rate of rise of off-state voltage
dv/dt
VDRM = Rated ´ 2/3, Tc = 75°C
RGK = 330 W, Exponential rise
¾
50
¾
V/
ms
Holding current
IH
RL = 100 W, RGK = 330 W
¾
2.5
¾
mA
Thermal resistance (junction to case)
Rth (j-c)
DC
¾
¾
6.0
°C/W
Marking
※
2
※
1
F5G49
SF5G49, USF5G49
※
1
Mark
F5J49
Type Name
SF5J49, USF5J49
※
2
Lot Number
Month (starting from alphabet A)
Year (last decimal digit of the current year)
Time t (s)
Transient thermal impedance
(junction to case)
0.1
0.001
1
10
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com