Electronic Components Datasheet Search
  English  ▼

X  

2SC0829 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC0829
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC0829 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC0829 Datasheet HTML 1Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 2Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 3Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC0829
3
SJC00098CED
Cob  VCB
bie  gie
bre  gre
bfe  gfe
boe  goe
1
10
100
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
IE
= −1 mA
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
020
16
412
8
0
12
10
8
6
4
2
yie
= g
ie
+ jb
ie
VCE
= 10 V
f
= 0.45 MHz
−1 mA
−2 mA
−4 mA
−7 mA
58
25
10.7
100
IE
= − 0.4 mA
Input conductance g
ie (mS)
− 0.5
0
− 0.1
− 0.4
− 0.2
− 0.3
−3.0
0
− 0.5
−1.0
−1.5
−2.0
−2.5
yre
= g
re
+ jb
re
VCE
= 10 V
f
= 0.45 MHz
IE
= −7 mA
−2 mA
−4 mA
−1 mA
− 0.4 mA
25
58
100
10.7
Reverse transfer conductance g
re (mS)
0
100
80
20
60
40
−120
0
−20
−40
−60
−80
−100
yfe
= g
fe
+ jb
fe
VCE
= 10 V
IE
= −7 mA
−4 mA
−2 mA
− 0.4 mA
−1 mA
0.45
0.45
10.7
10.7
f
= 10.7 MHz
25
25
25
100
100
100
100
58
58
58
58
Forward transfer conductance g
fe (mS)
0
1.0
0.8
0.2
0.6
0.4
0
1.2
1.0
0.8
0.6
0.4
0.2
yoe
= g
oe
+ jb
oe
VCE
= 10 V
f
= 0.45 MHz
IE
= − 0.1 mA
−7 mA
−4 mA
−2 mA
−1 mA
− 0.4 mA
58
10.7
25
100
Output conductance g
oe (mS)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com