Electronic Components Datasheet Search
  English  ▼

X  

MCCD2005 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MCCD2005
Description  Dual N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCCD2005 Datasheet(HTML) 3 Page - Micro Commercial Components

  MCCD2005 Datasheet HTML 1Page - Micro Commercial Components MCCD2005 Datasheet HTML 2Page - Micro Commercial Components MCCD2005 Datasheet HTML 3Page - Micro Commercial Components MCCD2005 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M C C
R
Revision:
A
20
16/02/03
www.mccsemi.com
3 of 4
Micro Commercial Components
0
2
6
4
8
10
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10
25
50
75
100
125
350
400
450
500
550
600
650
700
750
2
1
4
3
5
6
7
8
0
5
10
15
20
25
30
35
40
4
2
0
6
8
10
12
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-4
1E-3
0.01
0.1
1
10
V
GS=10V
、
3.0V、2V
V
GS=1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=1.2V
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=16V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
Output Characteristics
JUNCTION TEMPERATURE T
J
(℃)
I
D=250uA
Threshold Voltage
V
GS=2.5V
DRAIN CURRENT I
D
(A)
T
a=25
℃
Pulsed
V
GS=10V
V
GS=1.8V
——
I
D
R
DS(ON)
T
a=100
℃
T
a=25
℃
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
℃
Pulsed
I
D=8A
R
DS(ON)
—— V
GS
T
a=100
℃
T
a=25
℃
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
℃
Pulsed
V
SD
I
S
——



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com